Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA076V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA076V2
Description  USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA076V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA076V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA076V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA076V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA076V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2011
Doc ID 18138 Rev 1
1/4
4
STEVAL-ISA076V2
USB compatible battery charger demo board with integrated
power switch for Li-Ion/Li-Polymer based on the L6924U
Features
■ Operating input voltage up to 12 V
■ Fully integrated solution with power MOSFET,
reverse blocking diode, sense resistor, and
thermal control
■ AC adapter or USB mode selection
■ Programmable charge current for both AC
adapter and USB power sources separately
■ Low power/high power selection in USB mode
■ Both linear and quasi-pulse operation
■ 4.2 V preset charge voltage (±1 % accuracy)
■ Programmable termination current
■ Programmable charge timer
■ Status outputs to drive LEDs or host processor
interface
■ Battery absence detection
■ Closed loop thermal control
■ NTC or PTC thermistor interface for battery
temperature monitoring and protection
■ RoHS compliant
Description
The STEVAL-ISA076V2 demonstration board is
based on the L6924U which is a fully monolithic
battery charger dedicated to single-cell Li-
Ion/Polymer battery packs. It is the ideal solution
for space-limited applications, such as PDAs,
handheld equipment, cellular phones, and digital
cameras.
When an external voltage regulated adapter or
USB port is used, the L6924U works in linear
mode, and charges the battery in a constant
current/constant voltage (CC/CV) profile.
Moreover, when a current-limited adapter is used,
the device can operate in Quasi-Pulse Mode,
dramatically reducing the power dissipation.
STEVAL-ISA076V2
www.st.com


Similar Part No. - STEVAL-ISA076V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA076V1 STMICROELECTRONICS-STEVAL-ISA076V1 Datasheet
85Kb / 4P
Both linear and quasi-pulse operation
03-May-2011
More results

Similar Description - STEVAL-ISA076V2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
logo
STMicroelectronics
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
12-Jul-2005
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
Battery charger system with integrated power switch for Li-ION/Li-POLYMER
29-Jun-2007
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
20-May-2008
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
21-Nov-2006
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
L6924UTR STMICROELECTRONICS-L6924UTR Datasheet
828Kb / 37P
USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
22-Sep-2010
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com