Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA077V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA077V2
Description  High efficiency synchronous rectifier step-up converter demonstration board based on the L6920D
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA077V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA077V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA077V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA077V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA077V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18238 Rev 1
1/4
4
STEVAL-ISA077V2
High efficiency synchronous rectifier step-up converter
demonstration board based on the L6920D
Features
■ 0.6 V to 5.5 V operating input voltage
■ 1 V startup input voltage
■ Internal synchronous rectifier
■ Zero shutdown current
■ 3.3 V and 5 V fixed or adjustable
■ Output voltage (2 V up to 5.2 V)
■ 120 m
Ω internal active switch
■ Low battery voltage detection
■ Reverse battery protection
■ RoHS compliant
Description
The STEVAL-ISA077V2 demonstration board is
based on the L6920D high efficiency step-up
converter as well as the external components
required for a typical application.
Startup is guaranteed at 1 V and the device
operates down to 0.6 V. The output voltage can be
adjusted from 2 V to 5.2 V and two fixed output
voltages (3.3 V and 5 V) are also available.
STEVAL-ISA077V2
www.st.com


Similar Part No. - STEVAL-ISA077V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
More results

Similar Description - STEVAL-ISA077V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6920D STMICROELECTRONICS-EVAL6920D Datasheet
94Kb / 4P
EVAL6920D 1A high efficiency synchronous Rectifier step up converter
22-Nov-2006
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA043V1 STMICROELECTRONICS-STEVAL-ISA043V1 Datasheet
84Kb / 4P
1.5 A /1.2 V high frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA043V2 STMICROELECTRONICS-STEVAL-ISA043V2 Datasheet
84Kb / 4P
1.5 A /1.2 V high-frequency synchronous buck converter demonstration board based on the ST1S06
10-Nov-2010
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
01-Jul-2009
STEVAL-ISA077V1 STMICROELECTRONICS-STEVAL-ISA077V1 Datasheet
96Kb / 4P
High efficiency synchronous rectifier step-up converter demonstration board based on the L6920DB
17-Nov-2010
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
High-efficiency monolithic synchronous step-down regulator based on the L6928
06-Oct-2011
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com