Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA082V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA082V1
Description  4 A peak 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40IPHR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA082V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA082V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA082V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA082V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA082V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022276 Rev 1
1/4
4
STEVAL-ISA082V1
4 A peak 800 kHz fixed-frequency PWM synchronous step-down
demonstration board with enable on/off based on the ST1S40IPHR
Features
■ Input voltage Vin : 4 V to 18 V
■ Output voltage Vout : 3.3 V
■ Maximum output current : 4 A
■ Switching frequency: 800 kHz
■ Short-circuit protected
■ RoHS compliant
Description
The STEVAL-ISA082V1, based on the
ST1S40IPHR, is an internally compensated
800 kHz fixed-frequency PWM synchronous step-
down converter demonstration board.
The ST1S40 operates from 4.0 V to 18.0 V input,
while it regulates an output voltage as low as
0.8 V and up to VIN (100% duty cycle).
The ST1S40 integrates a 95 m
Ω high-side switch
and a 69 m
Ω synchronous rectifier allowing very
high efficiency with very low output voltage.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
The ST1S40 is protected through cycle-by-cycle
current limiting in case of overload and is also
protected by a current foldback function with
frequency reduction in case of short-circuit.
The device is available with an enable on/off
function.
STEVAL-ISA082V1
www.st.com


Similar Part No. - STEVAL-ISA082V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
Short-circuit protected
27-Sep-2011
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
28-Nov-2010
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
Short-circuit protection
01-Apr-2011
More results

Similar Description - STEVAL-ISA082V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
28-Nov-2010
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com