Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA096V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA096V1
Description  Auxiliary power supply in buck-boost topology based on the Viper06
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA096V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA096V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA096V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA096V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA096V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 022624 Rev 1
1/4
4
STEVAL-ISA096V1
Auxiliary power supply in buck-boost topology based on the Viper06
Data brief
Features
■ Input voltage: Vin: 85 ~ 264 Vrms; f: 45 ~ 66 Hz
■ Output voltage: -12 Vdc ± 10%, 150 mA
■ Standby < 30 mW at 264 Vac
■ Short-circuit: protected
■ PCB type and size: FR4 single-side 35 µm, 32
x 90 mm
■ Isolation: isolated 4 kV/8 mm
■ EMI: according to EN55022 class B
■ RoHS compliant
Description
The STEVAL-ISA096V1 is a switched mode
power supply (SMPS) demonstration board. This
non-isolated SMPS is designed in a buck-boost
topology and is capable of delivering up to 2 W of
output over a wide input voltage range.
This board also offers the user the possibility of
adapting the circuit to specific needs, thanks to an
available free PCB area.
The SMPS generates 12 V of nominal output
voltage.
The STEVAL-ISA096V1 demonstration board is
based on the VIPer06, a monolithic converter that
integrates an 800 V avalanche-rugged MOSFET
and PWM controller in one package, offering a
cost-effective and space-saving solution.
www.st.com


Similar Part No. - STEVAL-ISA096V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
2 A step-down switching power supply demonstration board based on the L7980 (QFN)
23-Dec-2011
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA093V1 STMICROELECTRONICS-STEVAL-ISA093V1 Datasheet
104Kb / 4P
3 A step-down switching power supply demonstration board
23-Dec-2011
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
23-Dec-2011
More results

Similar Description - STEVAL-ISA096V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
STMicroelectronics
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-ILL079V1 STMICROELECTRONICS-STEVAL-ILL079V1 Datasheet
235Kb / 4P
Negative buck-boost topology
04-Mar-2016
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
Demonstration board based on VIPer06 from the fixed-frequency VIPer™ plus family
June 2013 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com