Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA101V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA101V1
Description  2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA101V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA101V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA101V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA101V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA101V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2012
Doc ID 023235 Rev 1
1/4
4
STEVAL-ISA101V1
2 A DC step-down switching regulator with 4 V/36 V input voltage
range based on the L5973D
Data brief
Features
■ Vin: 4 V to 36 V
■ Vout: 1.235 V to 36 V
■ Output current: 2 A DC
■ Internal oscillator switching frequency: 250 kHz
■ Short-circuit protection
■ Inhibit and thermal shutdown
■ RoHS compliant
Description
The STEVAL-ISA101V1 demonstration board is
based on the L5973D, a step-down monolithic
switching regulator with 2 A DC (2.5 A switch
peak current) current capability over the output
voltage range (1.235 V to 36 V).
The operating input voltage ranges from 4 V to
36 V. The device is based on BCD5 technology.
The embedded power element is a P-channel
D-MOS transistor so the driving stage does not
require any bootstrap capacitor and the duty cycle
can range up to 100%.
An internal oscillator fixes the switching frequency
at 250 kHz. A synchronization pin is available
when a higher switching frequency (up to 700
kHz) is required.
Pulse-by-pulse current protection and a frequency
foldback feature always guarantee an effective
short-circuit protection. Other features include
voltage feed-forward, protection against feedback
disconnection, inhibit and thermal shutdown.
Previous sales code: EVAL5973D.
www.st.com


Similar Part No. - STEVAL-ISA101V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
STEVAL-ISA105V1 STMICROELECTRONICS-STEVAL-ISA105V1 Datasheet
193Kb / 4P
RoHS compliant
August 2012 Rev 1
More results

Similar Description - STEVAL-ISA101V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
The L5973D is a step-down monolithic power switching regulator capable
31-Jan-2008
STEVAL-ISA198V1 STMICROELECTRONICS-STEVAL-ISA198V1 Datasheet
273Kb / 4P
2 A step down DC - DC switching regulator (VIN = 4.5 V to 60 V) based on the L7987L
11-Nov-2016
logo
Texas Instruments
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
logo
STMicroelectronics
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com