Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA104V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA104V1
Description  Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA104V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA104V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA104V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA104V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA104V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
August 2012
Doc ID 023540 Rev 1
1/4
4
STEVAL-ISA104V1
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V)
based on the ST1S14
Data brief
Features
■ 3 A DC output current
■ Operating input voltage from 5.5 V to 48 V
■ 850 kHz internally fixed switching frequency
■ Internal soft-start
■ Internal current limiting
■ Inhibit for zero current consumption
■ 2 mA maximum quiescent current
overtemperature range
■ Thermal shutdown
■ RoHS compliant
Description
The STEVAL-ISA104V1 is designed in order to
evaluate the ST1S14, a step-down monolithic
power switching regulator able to deliver up to 3
A; this high current level is also achieved thanks
to a HSOP8 package with exposed frame.
The output voltage can be set from 1.22 V.
An internal oscillator fixes the switching frequency
at 850 kHz.
Power Good open collector output validates the
regulated output voltage as soon as it reaches the
regulation.
Pulse-by-pulse current limit offers an effective
constant current short-circuit protection while the
current foldback decreases overstress in
persistent short-circuit condition.
www.st.com


Similar Part No. - STEVAL-ISA104V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA105V1 STMICROELECTRONICS-STEVAL-ISA105V1 Datasheet
193Kb / 4P
RoHS compliant
August 2012 Rev 1
More results

Similar Description - STEVAL-ISA104V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430 TI-TPS5430 Datasheet
1Mb / 22P
5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
logo
STMicroelectronics
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
Up to 3 A step-down switching regulator based on the ST1S14
23-Dec-2011
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
1.5 A step-down switching regulator based on the L5973AD
22-Aug-2012
ST1S14PHR STMICROELECTRONICS-ST1S14PHR Datasheet
2Mb / 46P
Up to 3 A step-down switching regulator
04-Mar-2013
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA198V1 STMICROELECTRONICS-STEVAL-ISA198V1 Datasheet
273Kb / 4P
2 A step down DC - DC switching regulator (VIN = 4.5 V to 60 V) based on the L7987L
11-Nov-2016
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
3 A step-down switching regulator evaluation board based on the L5987
15-Mar-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com