Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISV012V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISV012V1
Description  Up to 5 W solar battery charger for single-cell Li-ion and Li-Pol batteries based on the SPV1040 and L6924D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISV012V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISV012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISV012V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
STEVAL-ISV012V1
2/7
Doc ID 018897 Rev 2
1
Description
The STEVAL-ISV012V1 demonstration board is based on the SPV1040 solar voltage boost
converter and the L6924D single cell Li-ion battery charger.
The SPV1040 device is a high efficiency, low power, low voltage, monolithic step-up
converter with an input voltage range from 0.3 V to 5.5 V, and is capable of maximizing the
energy generated by even a single solar cell (or fuel cell), where low input voltage handling
capability is extremely important.
Thanks to the embedded MPPT algorithm, even under varying environmental conditions
(such as irradiation, dirt, temperature) the SPV1040 offers maximum efficiency in terms of
power harvested from the cells and transferred to the output.
The SPV1040 protects itself and other application devices by stopping the PWM switching if
either the maximum current threshold (up to 2 A) is reached or the maximum temperature
limit (up to 155 °C) is exceeded.
The L6924D device is a fully monolithic battery charger dedicated to single cell Lithium-
ion/Lithium-ion polymer battery packs. It is the ideal solution for space-limited applications
such as PDAs, handheld equipment, cellular phones, and digital cameras.
The L6924D normally works as a linear charger when powered from an external voltage
regulated adapter. The device can also work in “quasi-pulse” charger mode when powered
from a current limited adapter like that of a solar panel. To work in this condition, the
charging current of the device should be set to a level higher than the solar panel maximum
peak current.
Thanks to the L6924D’s very low minimum input voltage (down to 2.5 V), during the fast-
charge phase the output voltage of the solar panel drops down to the battery voltage plus
the voltage drop across the power MOSFET of the charger.
The main advantage of the quasi-pulse charging mode is that it shares the simplicity of the
linear approach, where the power dissipated is dramatically reduced, thereby maximizing
the charge rate from the solar panel.
The Li-ion battery solar charger with embedded (MPPT) and quasi-pulse charging mode is
“best-in-class” in terms of system efficiency, allowing battery charging while maximizing
available solar panel power.
In the STEVAL-ISV012V1 demonstration board, the L6924D is supplied by the output stage
of the SPV1040, which is supplied by a 400 mW PV panel.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com