Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC009V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC009V1
Description  Universal USB to serial communication interface demonstration board based on the STM32
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC009V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC009V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC009V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
May 2010
Doc ID 15574 Rev 2
1/7
7
STEVAL-PCC009V1
Universal USB to serial communication interface
demonstration board based on the STM32
Features
■ Two PC GUIs are supported:
– Universal dongle PC GUI: this PC GUI
allows interfacing SPI, I2C and UART
interface and controlling the communication
parameters with the help of GUI itself
– DFU mode PC GUI: this PC GUI allows
changing the firmware if required by the
user to suit its applications
■ DLL files of the I2C, SPI and UART Interface
are supplied
■ Source code (including DFU)
■ RoHS compliant
Description
This demonstration board implements an
universal USB to serial communication interface
(UUSCI) based on STM32.
This demoboard has a 10 pin interface. In this
interface, there is a provision to connect a device
which can communicate using I2C, SPI and
UART. Thus UUSCI tool allows a user to connect
a serial communication based device to a PC. At
the same time it allows to control some GPIOs
available in that 10 pin interface and set them in
input/output modes as per the application
requirements.
In UUSCI demonstration board, the STM32
microcontroller is used as the interface between
PC and the end device. Due to intelligence
available in the STM32 device, I2C, SPI and
UART are multiplexed in same 10 pin interface
thus leading to reduced board size and the
complexity of usage.
Power to board is provided from USB Mini B-Type
connector.
DLL files of the PC GUI are provided with this
tool. So a user can use these DLL files to make
their own customized PC GUI as per their
requirements.
Warning:
In order to use this
evaluation board
connected to a PC, a
recent version of
Windows®, such as
Windows2000® or
Windows XP® must be
installed.
STEVAL-PCC009V1
www.st.com


Similar Part No. - STEVAL-PCC009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC009V2 STMICROELECTRONICS-STEVAL-PCC009V2 Datasheet
142Kb / 7P
IBU universal interface based on the STM32x
28-Jun-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results

Similar Description - STEVAL-PCC009V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
MEMS microphone demonstration board based on the MP34DB01 and STM32
27-Mar-2012
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
MEMS microphone demonstration board based on the MP34DT01 and STM32
27-Mar-2012
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
MEMS microphone demonstration board based on the MP45DT02 and STM32
27-Mar-2012
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-ISQ006V1 STMICROELECTRONICS-STEVAL-ISQ006V1 Datasheet
292Kb / 5P
USB to PMBus bridge demonstration board based on the ST72F651
28-Nov-2008
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-MKI138V1 STMICROELECTRONICS-STEVAL-MKI138V1 Datasheet
251Kb / 4P
STAudioHub USB interface board based on MP34DT01 and STM32
June 2013 Rev 2
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
STEVAL-MKI138V3 STMICROELECTRONICS-STEVAL-MKI138V3 Datasheet
430Kb / 4P
STAudioHub USB interface board based on MP45DT02 and STM32
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com