Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC009V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC009V2
Description  IBU universal interface based on the STM32x
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC009V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC009V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC009V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2010
Doc ID 17629 Rev 1
1/7
7
STEVAL-PCC009V2
IBU universal interface based on the STM32x
Features
■ Supports two modes:
– application mode: the PC GUI allows SPI,
I2C and UART interfacing and control of the
communication parameters
– DFU mode: allows the user to change the
firmware if required to suit specific
applications
■ Board power supplied through a USB Mini B-
type connector
■ DLL files provided to allow users to create a
customized PC GUI
■ RoHS compliant
Description
The STEVAL-PCC009V2 board implements an
IBU universal interface (IBUUI), which is an
STM32x-based USB-to-serial interface bridge
consisting of a configurable 10-pin interface and a
30-pin interface.
The STM32x microcontroller is used as an
interface between the PC and another end
system. Various communication peripherals are
multiplexed with GPIOs, ADC and PWM channels
in both the 10-pin and 30-pin interfaces.
With these interfaces, there is a provision to
connect a device which can communicate using
I2C, SPI and UART. Thus, the IBUUI tool allows
users to connect a serial communication-based
device to a PC. At the same time, it allows user
control of some GPIOs available in 10-pin and 30-
pin interfaces, and sets them to input/output mode
as per application requirements.
STEVAL-PCC009V2
www.st.com


Similar Part No. - STEVAL-PCC009V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results

Similar Description - STEVAL-PCC009V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB003V1 STMICROELECTRONICS-STEVAL-ICB003V1 Datasheet
207Kb / 5P
Smart touchpanel interface based on the STMPE1208S, STLED316S and STM8S
13-Jul-2009
STEVAL-CCA035V1 STMICROELECTRONICS-STEVAL-CCA035V1_12 Datasheet
363Kb / 5P
APWLink USB interface board based on the STA120D
17-May-2012
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
AirNavigationPad based on the STM8T143, STM32F103
02-Feb-2012
STEVAL-PCC009V1 STMICROELECTRONICS-STEVAL-PCC009V1 Datasheet
330Kb / 7P
Universal USB to serial communication interface demonstration board based on the STM32
04-May-2010
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-MKI138V2 STMICROELECTRONICS-STEVAL-MKI138V2 Datasheet
1Mb / 7P
STAudioHub USB interface board based on the MP34DB01 and STM32
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com