Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PCC010V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PCC010V1
Description  ST802RT1A Ethernet PHY demonstration board with STM32F107 controller add-on board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PCC010V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PCC010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-PCC010V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2010
Doc ID 17201 Rev 1
1/9
9
STEVAL-PCC010V1
ST802RT1A Ethernet PHY demonstration board with
STM32F107 controller add-on board
Features
■ ST802RT1A Ethernet PHY demonstration
board:
– ST802RT1A fast Ethernet physical layer
transceiver
– On-board 3.3 V LDO regulator
– On-board 25 MHz crystal
– 2 jumpers for boot-strap configuration (MII
address, auto-negotiation, loopback, power
down, MII/RMII configuration)
– Several GND test points and jumpers for
power consumption measurement
– Connectors: 20-pin full pitch header
connector for debug purposes (compatible
with the STM32F107 controller board); 40-
pin connector compatible with Spirent
Communications SmartBits 200/2000
(SMB-200/ SMB-2000) analysis system
– RJ45 connector with embedded
transformer
– RoHS compliant
■ STM32F107 controller add-on board:
– STM32F107 connectivity line Cortex™-M3
based microcontroller with embedded
Ethernet MAC
– On-board 3.3 V LDO regulator
– On-board 25 MHz crystal
– Reset button, power LED, general-purpose
button and two LEDs
– Connectors: 20-pin full-pitch header
connector for debug purposes, compatible
with ST802RT1A demonstration board; 20-
pin JTAG connector
– Additional general-purpose 20-pin full pitch
header connector; USB device connector
(+5 V power supply)
– RoHS compliant
Description
The STEVAL-PCC010V1 demonstration kit
consists of two boards: the ST802RT1A Ethernet
PHY demonstration board and the STM32F107
controller add-on board.
The ST802RT1A demonstration board is
designed as an evaluation platform for the
ST802RT1A device. It allows the user to easily
select the PHY boot options to evaluate the power
consumption of the chip, and to attach the device
to professional test equipment.
The STM32F107 controller board can extend the
ST802RT1A demonstration board with the
STM32F107 microcontroller and its embedded
MAC.
The system allows immediate evaluation of an
Internet appliance based on the embedded
microcontroller and Ethernet PHY.
By default, the controller board is pre-Flashed
with a web server application for demonstration
purposes.
STEVAL-PCC010V1
www.st.com


Similar Part No. - STEVAL-PCC010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
More results

Similar Description - STEVAL-PCC010V1

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
STMicroelectronics
STEVAL-PCC011V1 STMICROELECTRONICS-STEVAL-PCC011V1 Datasheet
128Kb / 6P
ST802RT1B Ethernet PHY demonstration board
22-Feb-2010
STEVAL-ICB004V1 STMICROELECTRONICS-STEVAL-ICB004V1_11 Datasheet
143Kb / 6P
Advanced resistive touchscreen controller demonstration board based on the STMPE811
23-Feb-2011
STEVAL-ISQ009V1 STMICROELECTRONICS-STEVAL-ISQ009V1 Datasheet
157Kb / 5P
Load share controller demonstration board based on the L6615
22-Feb-2010
STEVAL-PCC010V2 STMICROELECTRONICS-STEVAL-PCC010V2 Datasheet
167Kb / 7P
Ethernet with ST802RT1A and STM32F207 demonstration board
23-Feb-2011
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN2487 STMICROELECTRONICS-AN2487 Datasheet
868Kb / 32P
power over Ethernet powered device demonstration board
08-Aug-2008
logo
NXP Semiconductors
UM10781 PHILIPS-UM10781 Datasheet
384Kb / 22P
GreenChip TEA1892DB1226 synchronous rectifier controller add-on board
Rev. 1-20 May 2014
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
Audio 5W Add-on Board
416940020-3 DIGITALVIEW-416940020-3 Datasheet
62Kb / 2P
Audio Add-on Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com