Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TLL013V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-TLL013V1
Description  5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL013V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-TLL013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL013V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic circuit
STEVAL-TLL013V1
2/4
Doc ID 022250 Rev 1
1
Schematic circuit
Figure 1.
Application schematic
Table 1.
Typical external components
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM155R60J155M
1.5 µF
0402
COUT
Murata
GRM219R61A116U
10 µF
0805
L
Samsung
CIG21K4R7SCE
4.7 µH
0805
RSET
25 k (1)
1.
For 20 mA per branch.
0402



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com