Electronic Components Datasheet Search
  English  ▼

X  

SF2240E Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2240E
Description  2595 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2240E Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2240E Datasheet HTML 1Page - RF Monolithics, Inc SF2240E Datasheet HTML 2Page - RF Monolithics, Inc SF2240E Datasheet HTML 3Page - RF Monolithics, Inc SF2240E Datasheet HTML 4Page - RF Monolithics, Inc SF2240E Datasheet HTML 5Page - RF Monolithics, Inc SF2240E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 6
©2010 by RF Monolithics, Inc.
SF2240E - 11/3/10
5 0 o h m
5 0 o h m
5
2
1 , 3 , 4 , 6
SAW Filter
Filter Test Circuit
Connection
Terminals
Input
2
Output
5
Ground
All Others
Filter Broadband Response, 10 to 4000 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com