Electronic Components Datasheet Search
  English  ▼

X  

WSN802GDK Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # WSN802GDK
Description  802.11g WirelessSensor NetworkModule Development Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

WSN802GDK Datasheet(HTML) 1 Page - RF Monolithics, Inc

  WSN802GDK Datasheet HTML 1Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.RFM.com
Email: info@rfm.com
Page 1 of 1
©2009 by RF Monolithics, Inc.
WSN802GDK - 03/31/09
•
Everything you need to get a wireless sensor node up and running in minutes
•
Dev kit board providing a simple means to interface to your device
•
Utility programs that demonstrate network operation and performance
•
Full documentation to speed integration into your product
802.11g
Wireless Sensor
Network Module
Development Kit
WSN802GDK
The WSN802GDK kit allows for full demonstration or development of the WSN802G transceiver
modules. The WSN802G transceiver module is a low cost, robust solution for 802.11g sensor net-
works. The WSN802G’s very low sleep current makes long life battery operation practical. The
WSN802G module includes analog, digital and serial I/O, providing the flexibility and versatility
needed to serve a wide range of sensor network applications. The WSN802G module is easy to
integrate and is compatible with standard 802.11b/g access points.
The WSN802GDK contains:
•
1 WSN802G module
•
1 WSN802G development board
•
Serial and USB Cables
•
9V Battery and Wall-mount Power Supply
•
Antenna
•
Program CD with software and manuals
•
Quick Start Guide
•
WSN802GDK-A includes wireless router


Similar Part No. - WSN802GDK

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WSN802GDK MURATA-WSN802GDK Datasheet
576Kb / 1P
Everything you need to get a wireless sensor node up and running in minutes
More results

Similar Description - WSN802GDK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
C8051F36x DEVELOPMENT KIT
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
logo
CUI Devices
DEVKIT-ECM-001 CUID-DEVKIT-ECM-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
DEVKIT-MEMS-001 CUID-DEVKIT-MEMS-001 Datasheet
1Mb / 7P
MICROPHONE DEVELOPMENT KIT
04/13/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com