Electronic Components Datasheet Search
  English  ▼

X  

C11862 Datasheet(PDF) 1 Page - Cree, Inc

Part # C11862
Description  Minnie series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C11862 Datasheet(HTML) 1 Page - Cree, Inc

  C11862 Datasheet HTML 1Page - Cree, Inc C11862 Datasheet HTML 2Page - Cree, Inc C11862 Datasheet HTML 3Page - Cree, Inc C11862 Datasheet HTML 4Page - Cree, Inc C11862 Datasheet HTML 5Page - Cree, Inc C11862 Datasheet HTML 6Page - Cree, Inc C11862 Datasheet HTML 7Page - Cree, Inc C11862 Datasheet HTML 8Page - Cree, Inc C11862 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT DATASHEET
Minnie series
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C12095
C12095_Minnie-M-MTG
Minnie
Reflector
MT-G
Metal
32.4 mm
14.75 mm
Round
PC
-
Glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
26 degrees
-
-
Available
Able to use with Cree MT-G MR16 module. http://mtg.cree.com/
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C11862
C11862_Minnie-W-MTG
Minnie
Reflector
MT-G
Metal
32.4 mm
14.74 mm
Round
PC
-
Glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
36 degrees
-
-
Available
Able to use with Cree MT-G MR16 module. http://mtg.cree.com/
Ordering number
Description
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
C12097
C12097_Minnie-WWW-MTG
Minnie
Reflector
MT-G
Metal
32.4 mm
14.75 mm
Round
PC
-
Glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
74 degrees
-
-
Available
Able to use with Cree MT-G MR16 module. http://mtg.cree.com/
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
October 6th 2011 22:48 Copyright Ledil Oy - Subject to change without prior notice - Page 1/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11862

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11862 LEDIL-C11862 Datasheet
4Mb / 6P
~35째 wide beam
logo
Cree, Inc
C11862 CREE-C11862_14 Datasheet
675Kb / 15P
Minnie series
More results

Similar Description - C11862

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11862 CREE-C11862_14 Datasheet
675Kb / 15P
Minnie series
C12095 CREE-C12095_14 Datasheet
865Kb / 18P
Minnie series
C12097 CREE-C12097_14 Datasheet
858Kb / 17P
Minnie series
C13526 CREE-C13526 Datasheet
419Kb / 9P
Minnie series
CA12881 CREE-CA12881 Datasheet
609Kb / 12P
Minnie series
CA12882 CREE-CA12882 Datasheet
513Kb / 10P
Minnie series
CA12883 CREE-CA12883 Datasheet
490Kb / 11P
Minnie series
CA13892 CREE-CA13892 Datasheet
339Kb / 9P
Minnie series
CA14433 CREE-CA14433 Datasheet
459Kb / 9P
Minnie series
CA14434 CREE-CA14434 Datasheet
597Kb / 11P
Minnie series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com