Electronic Components Datasheet Search
  English  ▼

X  

M93C86 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M93C86
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C86 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M93C86_11 Datasheet HTML 2Page - STMicroelectronics M93C86_11 Datasheet HTML 3Page - STMicroelectronics M93C86_11 Datasheet HTML 4Page - STMicroelectronics M93C86_11 Datasheet HTML 5Page - STMicroelectronics M93C86_11 Datasheet HTML 6Page - STMicroelectronics M93C86_11 Datasheet HTML 7Page - STMicroelectronics M93C86_11 Datasheet HTML 8Page - STMicroelectronics M93C86_11 Datasheet HTML 9Page - STMicroelectronics M93C86_11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Description
M93C46, M93C56, M93C66, M93C76, M93C86
6/34
Doc ID 4997 Rev 12
The M93Cx6 is accessed by a set of instructions, as summarized in Table 4, and in more
detail in Table 5: Instruction set for the M93C46 to Table 7: Instruction set for the M93C76
and M93C86).
A Read Data from Memory (READ) instruction loads the address of the first byte or word to
be read in an internal address register. The data at this address is then clocked out serially.
The address register is automatically incremented after the data is output and, if Chip Select
Input (S) is held High, the M93Cx6 can output a sequential stream of data bytes or words. In
this way, the memory can be read as a data stream from eight to 16384 bits long (in the
case of the M93C86), or continuously (the address counter automatically rolls over to 00h
when the highest address is reached).
Programming is internally self-timed (the external clock signal on Serial Clock (C) may be
stopped or left running after the start of a Write cycle) and does not require an Erase cycle
prior to the Write instruction. The Write instruction writes 8 or 16 bits at a time into one of the
byte or word locations of the M93Cx6. After the start of the programming cycle, a
Busy/Ready signal is available on Serial Data Output (Q) when Chip Select Input (S) is
driven High.
An internal Power-on Data Protection mechanism in the M93Cx6 inhibits the device when
the supply is too low.
Figure 2.
DIP, SO, TSSOP and MLP connections (top view)
1.
See Section 12: Package mechanical data for package dimensions, and how to identify pin-1.
2.
DU = Don’t Use. The DU (do not use) pin does not contribute to the normal operation of the device. It is
reserved for use by STMicroelectronics during test sequences. The pin may be left unconnected or may be
connected to VCC or VSS.
Table 4.
Instruction set for the M93Cx6
Instruction
Description
Data
READ
Read Data from Memory
Byte or Word
WRITE
Write Data to Memory
Byte or Word
WEN
Write Enable
WDS
Write Disable
ERASE
Erase Byte or Word
Byte or Word
ERAL
Erase All Memory
WRAL
Write All Memory with same Data
VSS
Q
ORG
DU
C
SVCC
D
AI01929B
M93Cx6
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com