Electronic Components Datasheet Search
  English  ▼

X  

M95320-W Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95320-W
Description  32-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-W Datasheet(HTML) 1 Page - STMicroelectronics

  M95320-W Datasheet HTML 1Page - STMicroelectronics M95320-W Datasheet HTML 2Page - STMicroelectronics M95320-W Datasheet HTML 3Page - STMicroelectronics M95320-W Datasheet HTML 4Page - STMicroelectronics M95320-W Datasheet HTML 5Page - STMicroelectronics M95320-W Datasheet HTML 6Page - STMicroelectronics M95320-W Datasheet HTML 7Page - STMicroelectronics M95320-W Datasheet HTML 8Page - STMicroelectronics M95320-W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
This is information on a product in full production.
May 2012
Doc ID 5711 Rev 14
1/48
1
M95320-W M95320-R M95320-DR
32-Kbit serial SPI bus EEPROM with high-speed clock
Datasheet
−production data
Features
■ Compatible with the Serial Peripheral Interface
(SPI) bus
■ Memory array
– 32 Kb (4 Kbytes) of EEPROM
– Page size: 32 bytes
■ Write
– Byte Write within 5 ms
– Page Write within 5 ms
■ Additional Write lockable page (Identification
page)
■ Write Protect: quarter, half or whole memory
array
■ High-speed clock: 20 MHz
■ Single supply voltage:
– 2.5 V to 5.5 V for M95320-W
– 1.8 V to 5.5 V for M95320-R and M95320-
DR
■ Operating temperature range: from -40°C up to
+85°C
■ Enhanced ESD protection
■ More than 4 million Write cycles
■ More than 200-year data retention
■ Packages
– RoHS compliant and halogen-free
(ECOPACK®)
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB, MC)
2 × 3 mm (MLP)
www.st.com


Similar Part No. - M95320-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320-W STMICROELECTRONICS-M95320-W Datasheet
768Kb / 42P
32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
24-May-2005
M95320-W STMICROELECTRONICS-M95320-W Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
M95320-W STMICROELECTRONICS-M95320-W Datasheet
388Kb / 44P
32 Kbit serial SPI bus EEPROMs with high-speed clock
07-Dec-2009
M95320-WBN1T STMICROELECTRONICS-M95320-WBN1T Datasheet
164Kb / 19P
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95320-WBN3 STMICROELECTRONICS-M95320-WBN3 Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
More results

Similar Description - M95320-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95128 STMICROELECTRONICS-M95128_06 Datasheet
321Kb / 41P
128 Kbit Serial SPI bus EEPROM with high speed clock
27-Jun-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
256 Kbit serial SPI bus EEPROM with high-speed clock
15-Jul-2008
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
64-Kbit serial SPI bus EEPROM with high-speed clock
11-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com