Electronic Components Datasheet Search
  English  ▼

X  

STA8088TG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA8088TG
Description  GPS/Galileo/Glonass/QZSS tracker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088TG Datasheet(HTML) 2 Page - STMicroelectronics

  STA8088TG Datasheet HTML 1Page - STMicroelectronics STA8088TG Datasheet HTML 2Page - STMicroelectronics STA8088TG Datasheet HTML 3Page - STMicroelectronics STA8088TG Datasheet HTML 4Page - STMicroelectronics STA8088TG Datasheet HTML 5Page - STMicroelectronics STA8088TG Datasheet HTML 6Page - STMicroelectronics STA8088TG Datasheet HTML 7Page - STMicroelectronics STA8088TG Datasheet HTML 8Page - STMicroelectronics STA8088TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STA8088TG
2/16
Doc ID 022668 Rev 2
Contents
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.2
VFQFPN56 pin configuration
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.3
Power supply pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.4
Main function pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.5
Test/emulated dedicated pins
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.6
RF front-end pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.7
Port 0 pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.8
Port 1 pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3
Package and packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1
ECOPACK® packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.2
VFQFPN56 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com