Electronic Components Datasheet Search
  English  ▼

X  

STI5105 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5105
Description  High-performance advanced SD decoder for set-top box
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5105 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5105_08 Datasheet HTML 1Page - STMicroelectronics STI5105_08 Datasheet HTML 2Page - STMicroelectronics STI5105_08 Datasheet HTML 3Page - STMicroelectronics STI5105_08 Datasheet HTML 4Page - STMicroelectronics STI5105_08 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
STi5105
2/5
1
Description
STMicroelectronics sets a new standard for performance, price and integration in the single
chip MPEG-2 set-top box decoder market with the introduction of the STi5105.
This highly integrated solution targets mass market STBs, offers increased performance
over earlier devices, and includes many features to further reduce costs, including a unified
memory architecture.
The STi5105 features the ST20 CPU that is standard across the OMEGA range but boosts
the clock speed to 200 MHz which, when combined with the 2D graphics engine, gives the
new device outstanding graphics performances.
Targeting low-cost, single tuner STB applications, the STi5105’s DDR memory interface
both reduces system costs and minimizes overall system latency, ensuring the new device
can support the most demanding interactive TV applications and middlewares.
The integration of VCXO and audio DACs ensures that manufacturers using the STi5105
cut their bill of materials and significantly simplify board design and assembly.
STi5105 is supplied in either 24 mm x 24 mm LQFP216 or 23 mm x 23 mm BGA package.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com