Electronic Components Datasheet Search
  English  ▼

X  

STI7110FTA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI7110FTA
Description  HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI7110FTA Datasheet(HTML) 1 Page - STMicroelectronics

  STI7110FTA Datasheet HTML 1Page - STMicroelectronics STI7110FTA Datasheet HTML 2Page - STMicroelectronics STI7110FTA Datasheet HTML 3Page - STMicroelectronics STI7110FTA Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2010
Doc ID 18075 Rev 1
1/4
4
STi7110FTA
HDTV satellite set-top box decoder for Microsoft VC-1,
H.264 and MPEG-2
Features
■ STi7110FTA is a unique predefined profile (no
possible variant) with Dolby enabled (Dolby
license required)
■ Microsoft VC-1, MPEG-2 and H.264 support
■ ST40-300 CPU, high performance for Linux-
and OS21-based systems
■ DVB-S2 and DVB-S front-end integrated
demodulators with fully featured HD advanced
decoder SoC
■ Flexible ST231-based advanced video
decoder
■ Advanced multi-channel audio decoding
(WMA9, AC3, DD+, AAC, AAC+ with SPDIF
output)
■ Advanced high-definition video decoding
■ Advanced standard-definition video decoding
■ HDMI/HDCP output plus HD or SD component
and composite output
■ Unified DDR2 32-bit interface
■ Programmable transport interface (PTI) and
transport stream (TS) merger
■ USB 2.0 to support network interface and
feature enhancement
■ External memory interface (EMI) with NAND-
Flash, NOR-Flash, PCI, peripherals support
■ Ethernet MAC with media independent
interface (MII) and reduced MII (RMII)
■ Dual smartcard, five UARTs, three external
synchronous serial controllers (SSCs), soft
modem and DAA interface, IR blaster and
receiver, UHF Rx digital input
■ DiSEqC 2.0 and FSK modem supported
■ 4 x 4 matrix key front panel switch scanner
FSM with key de-bounce
■ 27 mm × 27 mm package
Description
The STi7110FTA is an HD set-top box that
provides very high performance for low-cost HD
systems. The STi7110FTA presents a new
generation of HD video decoders for VC-1
Microsoft video (including Windows Media Video
9) as well as H.264 (MPEG-4 part 10) and MPEG-
2 HD demodulating and decoding.
STB peripherals I/O
Digital video HD/SD in/out
Resets
Analog out
Clocks
Modes
PCM I/O
S/PDIF out
External interrupts
Clock Gen
System
Peripherals
SSC
UART
MAFE
PWM
Infrared
Smartcard
Connectivity
Transport
Security
DVOs
Denc
Teletext
DACs
HDMI
VTGs
Analog video HD/SD out
Audio I/O
Display
DVP
Video I/O
Transport streams
Parallel/serial in/out
Audio decoder
Video decoder
EMI
PCI
SPI
System
interfaces
CPU/FPU
MMU
Interrupts
I cache
D cache
Timer
ST40
Debug
STBus
PCM players
PCM reader
DACs
Dual FDMA
Bdisp Blitter
Flash, SFlash
NOR, NAND
USB
Ethernet
DAA
DDR1/DDR2
Serial Flash
memory
JTAG
PCI peripherals
LMI
QPSK
IF in
Transport
stream
demodulator
serv
www.st.com


Similar Part No. - STI7110FTA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
More results

Similar Description - STI7110FTA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI7109 STMICROELECTRONICS-STI7109 Datasheet
207Kb / 9P
Low-cost HDTV set-top box decoder for H.264 and Microsoft WMA9
19-Dec-2006
STI7200 STMICROELECTRONICS-STI7200 Datasheet
206Kb / 8P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
07-Dec-2006
STI5202 STMICROELECTRONICS-STI5202 Datasheet
167Kb / 9P
Low-cost set-top box decoder for H.264 and Microsoft VC1
19-Oct-2007
logo
Synaptics Incorporated.
CX2427X CONEXANT-CX2427X Datasheet
261Kb / 2P
Dual Decode HDTV MPEG-2/H.264/VC-1 Video Decoder
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
STMicroelectronics
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
28-Jun-2010
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7200 STMICROELECTRONICS-STI7200_11 Datasheet
68Kb / 4P
Triple display, HDTV set-top box, dual decoder for H.264 and VC-1
10-Feb-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com