| Electronic Components Datasheet Search |
|
STIH273 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STIH273 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() For further information contact your local STMicroelectronics sales office. July 2012 Doc ID 022872 Rev 2 1/4 4 STiH273 HD cable/terrestrial STB processor with integrated demodulators and low power standby controller Data brief Features ■ ST40 applications CPU with 256 KB L2 cache ■ 16-bit LMI supporting DDR2/DDR3 ■ Decoding of H264, MPEG2, VC-1 and AVS HD video streams ■ 3DTV decoding and display compatible with HDMI 1.4a ■ Extensive connectivity (2 × USB 2.0 ports; Ethernet MII/RMII/TMII port; SD/MMC card port; eSATA port; PCI-e) ■ Secure boot from SLC NAND Flash or Serial NOR Flash; eMMC booting option ■ Low-power process and architecture ■ Integrated low power standby controller ■ High-quality video resizing and de-interlacing ■ Integrated Ethernet PHY ■ Targets two layer PCBs for cost-effective zapper STB applications ■ Integrates dual mode DVB-T/DVB-C demodulation and FEC Description The STiH273 uses the latest process technology to provide a cost-effective, feature rich, highly integrated SoC for set-top boxes (STBs). It is targeted at the advanced decoding STB market across cable and terrestrial networks, and is suitable for operator markets (with advanced security) and retail markets worldwide. The STiH273 provides a solution for operators and manufacturers to specify a range of cost- effective, high performance STBs, including basic zappers, interactive STBs, and DVR STBs with content delivery possible using broadcast or broadband networks or both (hybrid STBs). The STiH273 integrates a high performance dual mode, cable/terrestrial receiver, supporting DVB-C or DVB-T reception, channel demodulation, and forward error correction (FEC). The DVB-C receiver is compliant with ITU-T J.83 Annex A/C, and the DVB-T receiver is compliant with ETSI EN-300744 v1.5.1, Nordig Unified (v2.2.1) and DTG 7.2. JTAG STB peripherals I/O Resets Analog out Clocks Modes PCM I/O S/PDIF out external interrupts Peripherals Connectivity Transport Security Analog video Audio I/O Display Video I/O Transport streams Parallel/serial in/out Audio decoder Video decoder System interfaces CPU/FPU STBus SLC NAND Flash DDR3 LMI eSATA/PCI-e Ethernet SD-MMC/SDIO Dual USB Clock Gen System Dual FDMA L2 cache Serial Flash CI-Plus cards DDR2/DDR3 Low power standby controller HDMI DVB-C DVB-T demodulator Transport stream IF in services www.st.com |
Similar Part No. - STIH273 |
|
Similar Description - STIH273 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |