Electronic Components Datasheet Search
  English  ▼

X  

STV6418 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV6418
Description  Audio/video switch and 6-channel SD/PS/HD video filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6418 Datasheet(HTML) 1 Page - STMicroelectronics

  STV6418_11 Datasheet HTML 1Page - STMicroelectronics STV6418_11 Datasheet HTML 2Page - STMicroelectronics STV6418_11 Datasheet HTML 3Page - STMicroelectronics STV6418_11 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 014824 Rev 2
1/4
4
STV6418
Audio/video switch and 6-channel SD/PS/HD video filter
Features
■
I2C bus control
■
Auto startup mode: low power consumption
■
Video section:
– Three CVBS inputs, two CVBS outputs
– Three Y/C inputs, three Y/C outputs
– Switchable 8 MHz, 15 MHz or 30 MHz low-
pass filters (LPF) on six inputs for standard
definition, progressive scan and interleaved
high definition, plus bypass (60 MHz) for
progressive high definition
– Gain of 6 dB on all CVBS/Y and C outputs
– Integrated 150-
Ω buffers
– Two RGB/one FB inputs, one high
impedance RGB/FB output with 6-dB
adjustable gain (from +3 dB to +9 dB)
– Two YPrPb inputs, one YPrPb/RGB HD
output
– AC or DC-coupled video outputs
– Two slow blanking inputs/outputs
– Bottom clamp on all CVBS/Y and RGB
inputs, average clamp on C inputs,
synchronized clamp on PrPb inputs
– Bi-directional control for VCR R/C output
and for TV B output
– AC-coupled inputs and AC- or DC-coupled
inputs for video signal from encoder with
internal clamp and bias
– Video detection block in low power auto
startup mode
– Video muting on all outputs
■
Audio section:
– Three stereo inputs, two stereo outputs
– Stereo-to-mono sound capability
– Differential or single-ended audio input
– Selectable gain of 0, 6 or 9 dB on one
stereo input
– Full-range volume control with soft control
– Audio muting on all outputs
Applications
■
Set-top boxes (IP, cable, satellite, terrestrial)
■
Integrated digital TV plug-in
■
Blu-ray and DVD players
Description
The STV6418 is a highly integrated I2C bus-
controlled audio and video switch matrix,
optimized for use in digital set-top box
applications. It provides all the audio and video
routings required in a full two-SCART set-top box
design.
The STV6418 provides fully integrated solutions
for filtering and buffering both SD and HD signals.
TQFP48 (7 × 7 × 1 mm3) EPD
(48-pin thin quad flat pack with exposed pad down)
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STV6418AH
0 to 70 °C
TQFP48 EPD
Tray
STV6418AHT
0 to 70 °C
TQFP48 EPD
Tape and reel
www.st.com


Similar Part No. - STV6418_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6418AH STMICROELECTRONICS-STV6418AH Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
More results

Similar Description - STV6418_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
STMicroelectronics
STV6417 STMICROELECTRONICS-STV6417 Datasheet
69Kb / 6P
Audio/video switch and 6-channel SD video filter
27-Jun-2008
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
Low-cost audio/video switch and 4-channel SD video filter
06-Oct-2011
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com