Electronic Components Datasheet Search
  English  ▼

X  

GWKAJRB2.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKAJRB2.EM
Description  SOLERIQ E 30
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAJRB2.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKAJRB2.EM Datasheet HTML 1Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 2Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 3Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 4Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 5Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 6Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 7Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 8Page - OSRAM GmbH GWKAJRB2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2012-04-10 Preliminary Data
1
2012-03-20 Preliminary Data
SOLERIQ E 30
Datasheet
Draft Version 0.0
GW KAJRB2.EM
The SOLERIQ™ E products were specifically
designed for applications requiring large flux
packages out of a compact area.
Die SOLERIQ™ E Produkte wurden speziell für
Anwendungen entwickelt, die große Lumenpackete
aus einer kompakte Fläche benötigen.
For the replacement of traditional CFL light sources in
downlights the following typical LED efficacies can be
achieved at 4000 K:
2x18 W 111 lm/W
2x26 W 101 lm/W
Für den Ersatz von traditionellen CFL-Lichtquellen in
Downlights lassen sich bei 4000 K folgende typische
LED Effizienzen erzielen:
2x18 W 111 lm/W
2x26 W 101 lm/W
Features:
Besondere Merkmale:
•
Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
•
Chromaticity coordinate groups: 4 SDCM
center ANSI box at Ts = 85 °C
•
Farbortgruppen: 4 SDCM in der Mitte der ANSI
Box bei Ts = 85 °C
•
Color: white; CRI (typ.) = 85; CTR = 4000 K;
CRI (min.) = 80
•
Farbe: weiß; CRI (typ.) = 85; CTR = 4000 K;
CRI (min.) = 80
•
Optical efficiency (typ.): 114 lm/W (white) at
4000 K
•
Optischer Wirkungsgrad (typ.): 114 lm/W
(weiß) bei 4000 K
•
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
Applications
Anwendungen
•
Downlights
•
Downlights
•
General lighting
•
Allgemeinbeleuchtung


Similar Part No. - GWKAJRB2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PTPU-27B3 OSRAM-GWKAFGB3.CM-PTPU-27B3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PTPU-27S3 OSRAM-GWKAFGB3.CM-PTPU-27S3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PUQP-30B3 OSRAM-GWKAFGB3.CM-PUQP-30B3 Datasheet
1Mb / 17P
Downlights
GWKAFGB3.CM-PUQP-30S3 OSRAM-GWKAFGB3.CM-PUQP-30S3 Datasheet
1Mb / 17P
Downlights
More results

Similar Description - GWKAJRB2.EM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
E-Series RF 64:1Transformer 30 - 108 MHz
logo
EPCOS
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
E 30/15/7 Core
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
logo
M/A-COM Technology Solu...
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
E-Series Surface Mount Mixer 30-512 MHz
logo
OSRAM GmbH
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
SOLERIQ S13
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
logo
Advantech Co., Ltd.
ENV-49A-AP01 ADVANTECH-ENV-49A-AP01 Datasheet
505Kb / 2P
E&E/Patrol Inspection
12-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com