Electronic Components Datasheet Search
  English  ▼

X  

G552 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G552
Description  Current-Limit Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G552 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G552 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.3
Aug 24, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G551/G552
Global Mixed-mode Technology Inc.
Current-Limit Switches
Features
700m
Ω On-Resistance
2 Versions of Current Limits, 85mA (G551B1/ B2 &
G552B1/B2) and 170mA (G551A1/A2 & G552A1/ A2)
2V to 5.5V Supply Range
Undervoltage Lockout
85μA Supply Current
1μA Maximum Shutdown Current
Auto-Restart Function (G551A1/B1 & G552A1/B1)
or Latch-off Function (G551A2/B2 & G552A2/B2)
Active High Enable (G551) or Active Low Enable
(G552)
Thermal-Shutdown Protection
Reverse-Current Limit Protection
40ms Blanking Time
280ms Auto-Restart Time (G551A1/B1 & G552A1/B1)
Fault
FLAG Function
Fast Current-Limit Response Time
SC-70-5( SOT-353) Package
Applications
PDAs
Cell Phones
GPS Systems
Hand-Held Devices
General Description
The G551/G552 family of switches feature internal cur-
rent limiting to prevent host devices from being dam-
aged due to faulty load conditions. These analog
switches have a low 0.7
Ω on-resistance and operate
from a 2.0V to 5.5V input voltage range. They are
available with guaranteed 50mA and 100mA current
limits, making them ideal for load-switching applica-
tions.
When the switch is on and a load is connected to the
port, a typical blanking time of 40ms ensures that the
transient voltages settle down. If after this blanking
time the load current is greater than the current limit,
the G551A2/B2 & G552A2/B2 enter a latch-off state
where the switch is turned off and
FLAG is issued to
the microprocessor. The switch can be turned on again
by cycling the power or the ON pin.
The G551A1/B1 & G552A1/B1 have an auto-restart
feature where the switch turns off after the blanking
time and then continuously checks to see if the over-
load condition is present. The switch remains on after
the overload condition disappears. The ON pin of
G551 series are active high, while G552 series are
active low.
Pin Configuration
Typical Application Circuit
ON
(ON)
SC-70-5 (SOT-353)
5
VOUT
3
FLAG
VIN
4
2
1
GND
G551/G552
FLAG
OUT
VIN
ON
OFF
GND
V
OUT
FLAG
V
IN
G551/G552
ON
(ON)
() is for G552
ON
(ON)
SC-70-5 (SOT-353)
5
VOUT
3
FLAG
VIN
4
2
1
GND
G551/G552
FLAG
OUT
VIN
ON
OFF
GND
V
OUT
FLAG
V
IN
G551/G552
ON
(ON)
() is for G552


Similar Part No. - G552

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5524A GMT-G5524A Datasheet
136Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
More results

Similar Description - G552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
50mA/100mA Current-Limit Switches
2005
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com