Electronic Components Datasheet Search
  English  ▼

X  

G5535 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G5535
Description  Charge-Pumps and High-Current OP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5535 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G5535 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Jun 04, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G5535
Global Mixed-mode Technology Inc.
LCD Panel Power Supplies with Low-Cost Linear-
Regulator, Charge-Pumps and High-Current OP
Features
High-Performance Linear Regulator
1.6% Output Accuracy
Works with Small Ceramic Output Capacitors
Fast Transient Response
Foldback Current Limit
High-Current Operational Amplifier:
12V/µs Slew Rate
12MHz, -3dB Bandwidth
Rail-to-Rail Inputs/Output
100mA Negative Charge Pump Regulator
50mA Positive Charge Pump Regulator with
Adjustable Delay
Built-In Power-Up Sequence
Gate-on Pulse Modulator for Sequence & Dis-
charge Control
Thermal Protection
Latched Fault Protection with Timer
TQFN4X4-24 Package
Applications
LCD Monitor Panel Modules
LCD TV Panel Modules
General Description
G5535 incorporates a high-performance linear regula-
tor, two low-power charge-pump regulators, a high-
current operational amplifier, and logic-controlled
gate-on pulse modulator to control the positive
charge-pump output sequence and waveform.
The linear regulator generates the source-driver sup-
ply voltage from the input voltage directly. The two
charge-pump regulators generate the positive gate-on
and negative gate-off supply voltages. The operational
amplifier supplies the VCOM buffer with high output
current, fast slew rate and wide bandwidth perform-
ances for driving capacitive loads. The gate-on pulse
modulator control (SWCTL) is independent of the
SHDN chip enable control.
The G5535 adopts a 24-pin TQFN package which is
4mm
× 4mm with a maximum thickness of 0.8mm for
ultra-thin LCD panel application.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G5535R51U
5535
-40°C to 85°C
TQFN4X4-24
Note: R5: TQFN4X4-24
1: Bonding Code
U: Tape & Reel
Pin Configuration
G5535 TQFN4X4-24
GON
DRN
REF
POSOP
INL
NEGOP
SHDN
FBP
THR
VDDOP
OUTOP
GND
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad
G5535 TQFN4X4-24
GON
DRN
REF
POSOP
INL
NEGOP
SHDN
FBP
THR
VDDOP
OUTOP
GND
1
2
3
4
5
6
13
14
15
16
17
18
Thermal
Pad


Similar Part No. - G5535

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
More results

Similar Description - G5535

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
SC70 Inverting Charge Pumps with Shutdown
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1913 MAXIM-MAX1913 Datasheet
275Kb / 11P
60mA 1.5x High-Efficiency White LED Charge Pumps
Rev 0; 1/02
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Eutech Microelectronics...
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
logo
Linear Technology
LTC3203B LINER-LTC3203B_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
logo
Maxim Integrated Produc...
MAX16928EVKIT MAXIM-MAX16928EVKIT Datasheet
1Mb / 7P
Single-Stage Positive and Negative Charge Pumps
Rev 0; 10/11
MAX20067EVKIT MAXIM-MAX20067EVKIT Datasheet
1Mb / 13P
Double-Stage Positive- and Negative-Regulated Charge Pumps
Rev 0; 8/17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com