Electronic Components Datasheet Search
  English  ▼

X  

APE1185 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APE1185
Description  3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1185 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1185 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1185 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP
E1185
This datasheet contains new product information. Advanced Power Electronics Corp. reserves the rights to modify the product specification without notice. No liability is
assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
200926071-1/7
Feature
•
0.7V maximum dropout voltage at
3A load current
•
Built-in Thermal shutdown
•
Output current limiting
•
Adjustable or fixed output voltage 1.2V,
1.5V, 1.8V, 2.5V, 3.3V, 5.0V
•
Fast transient response
•
Good noise rejection
•
Packages:
TO252-5L, TO220-5L and TO263-5L
General Description
AP
E1185 is a 3A regulator with extremely low
dropout voltage. This product is specifically
designed to provide well regulated supply for
applications requiring 2.8V or lower voltages from
3.3V ATX power supplies where high efficiency of
the switch can be achieved without the cost and
complexity associated with switching regulator. One
such application is the new graphic chipsets that
requires anywhere from 2.4V to 2.7V supply.
Ordering Information
AP
E1185 X - XX
Low Dropout Regulator
Package
Vout
H:TO252-5L
S:TO263-5L
P:TO220-5L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Typical Application
Advanced Power
Electronics Corp.
Vctr1
Vin
VOUT
Vsense
GND
470uF
470
uF
10
uF
5V
3.3V
2.5V/3A
RoHS Compliant
12 = 1.2V


Similar Part No. - APE1185

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - APE1185

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3U1085 GTM-G3U1085 Datasheet
258Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1085 GTM-GJ1085 Datasheet
224Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085 SECOS-S3U1085 Datasheet
632Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1085 ETL-GE1085 Datasheet
232Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085LM SECOS-S3U1085LM Datasheet
622Kb / 5P
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com