Electronic Components Datasheet Search
  English  ▼

X  

APE8903B Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8903B
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8903B Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8903B Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8903B Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Advanced Power
Electronics Corp.
APE8903B
2. Using an MLCC as the Output Capacitor
ABSOLUTE MAXIMUM RATINGS (Note1)
CNTL Supply Voltage (VCNTL) --------------------------- -0.3V To 6.5V
Input Supply Voltage (VIN) -------------------------------- -0.3V To 6.5V
EN & FB Pin Voltage (VEN/VFB) ------------------------- -0.3V To VCNTL+0.3V
Power Good Voltage (VPOK) ----------------------------- -0.3V To 6.5V
Power Dissipation (PD) ----------------------------------- 2.5W
Storage Temperature Range (TST) --------------------- -65°C To 150°C
Junction Temperature Range (TJ) ---------------------
-40°C To 150°C
Thermal Resistance Junction to Ambient (Rthja)
Note
40°C/W
Thermal Resistance Junction to Case (Rthjc) ------- 15°C/W
Note. Rthja is measured with the PCB copper area (need connect to Expose-Pad) of approximately 1.5 in
2 (Multi-layer)
RECOMMENDED OPERATING CONDITIONS
Operating Junction Temperature Range (TOJ) ------ -40°C To 125°C
Operating Ambient Temperature Range (TOA) ------ -40°C To 85°C
VCNTL Supply Voltage (VCNTL) ------------------------- 3V To 6V
Input Supply Voltage (VIN) -------------------------------- 1.1V To 5.5V
Output Voltage (VOUT)@VCNTL=5V --------------------- 0.8V To 2.8V
Output Cunrrent (IOUT) ------------------------------------- 0A To 3A
PACKAGE/ORDERING INFORMATION
2
TYPICAL APPLICATION
( Top View)
1
2
3
4
8
7
6
5
NC
VOUT
ESOP-8
GND
FB
EN
POK
VIN
VCNTL
GND
VIN=1.8V
R3
10K
VOUT=1.2V/2A
VFB = 0.8V
U2
APE8903B
VCNTL
FB
VOUT
GND
NC
EN
POK
VIN
C6
56pF
C5
10uF
C1
1uF
C3
4.7uF
VOUT=VFB x (1+R1/R2)
VCNTL=5V
R2
78K
R1
39K
OFF
ON
Package Type
MP : ESOP-8
APE8903BX-X - HF
EN Function
A : Pull Low
B : Pull High
Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com