Electronic Components Datasheet Search
  English  ▼

X  

CXP-85116B Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP-85116B
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85116B Datasheet(HTML) 1 Page - Sony Corporation

  CXP-85116B Datasheet HTML 1Page - Sony Corporation CXP-85116B Datasheet HTML 2Page - Sony Corporation CXP-85116B Datasheet HTML 3Page - Sony Corporation CXP-85116B Datasheet HTML 4Page - Sony Corporation CXP-85116B Datasheet HTML 5Page - Sony Corporation CXP-85116B Datasheet HTML 6Page - Sony Corporation CXP-85116B Datasheet HTML 7Page - Sony Corporation CXP-85116B Datasheet HTML 8Page - Sony Corporation CXP-85116B Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CMOS 8-bit Single-chip Microcomputer
Description
The
CXP85112B/85116B,
CXP85220A/85224A/
85228A/85232A
is
a
CMOS
8-bit
single
chip
microcomputer integrating on a single chip an A/D
converter, serial interface, timer/counter, time base
timer, vector interruption, on-screen display function,
I2C bus interface, PWM generator, remote control
reception circuit, HSYNC counter, power source
frequency counter and watch dog timer besides the
basic configurations of 8-bit CPU, ROM, RAM, and
l/O port.
The CXP85112B/85116B, CXP85220A/85224A/
85228A/85232A also provides a power-on reset
function and a sleep function that enables lower
power consumption.
Features
• Wide-range instruction system (213 instructions) to cover various types of data
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
1µs at 4MHz operation
• Incorporated ROM capacity
12K bytes (CXP85112B)
16K bytes (CXP85116B)
20K bytes (CXP85220A)
24K bytes (CXP85224A)
28K bytes (CXP85228A)
32K bytes (CXP85232A)
• Incorporated RAM capacity
352 bytes (CXP85112B/85116B)
448 bytes (CXP85220A/85224A/85228A/85232A)
• Peripheral functions
— On-screen display function
12
× 16 dots, 128 types
21 words
× 4 Iines (more than 4 Iines possible)
Double scan mode compatible, jitter elimination circuit
— I2C bus interface
— PWM output
14 bits, 1 channel
6 bits, 8 channels
— Remote control reception circuit
8-bit pulse measurement counter with on-chip 6-stage FIFO
— A/D converter
4 bits, 4channels, successive approximation method
(Conversion time of 40µs/4MHz)
— HSYNC counter
— Power supply frequency counter
— Watch dog timer
— Serial I/O
8-bit clock synchronization
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer
• Interruption
14 factors, 14 vectors, multi-interruption possible
• Standby mode
Sleep
• Package
64-pin plastic SDIP/QFP
• Piggyback/evaluation chip
CXP85100A, CXP85190 (Custom font compatible)
CXP85200A, CXP85290 (Custom font compatible)
– 1 –
E93Z17B86
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXP85112B/85116B
CXP85220A/85224A/85228A/85232A
64 pin SDIP (Plastic)
64 pin QFP (Plastic)
Structure
Silicon gate CMOS IC
Purchase of Sony's I2C components conveys a license under the Philips I2C Patent Rights to use these components
in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.


Similar Part No. - CXP-85116B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP-82220 SONY-CXP-82220 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
CXP-82224 SONY-CXP-82224 Datasheet
259Kb / 21P
CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP-85116B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com