Electronic Components Datasheet Search
  English  ▼

X  

STR2W152D Datasheet(PDF) 1 Page - Sanken electric

Part # STR2W152D
Description  Current Mode Control PWM Regulator ICs For Switching Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2W152D Datasheet(HTML) 1 Page - Sanken electric

  STR2W152D Datasheet HTML 1Page - Sanken electric STR2W152D Datasheet HTML 2Page - Sanken electric STR2W152D Datasheet HTML 3Page - Sanken electric STR2W152D Datasheet HTML 4Page - Sanken electric STR2W152D Datasheet HTML 5Page - Sanken electric STR2W152D Datasheet HTML 6Page - Sanken electric STR2W152D Datasheet HTML 7Page - Sanken electric STR2W152D Datasheet HTML 8Page - Sanken electric STR2W152D Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SANKEN ELECTRIC CO., LTD.
Description
The STR2W152D and STR2W153D are power ICs for
switching power supplies, incorporating a power MOSFET
and a current mode PWM controller IC in one package.
Including a startup circuit and a standby function in the
controller, the products achieve low power consumption, low
standby power, and high cost-effectiveness in power supply
systems, while reducing external components.
The products are provided in fully molded TO-220 package
types. Pin 2 is deleted for greater isolation.
Features and Benefits
• Current mode PWM control
• Built-in Random Switching function: reduces EMI noise,
simplifies EMI filters, and cuts cost by external part
reduction
• Built-in Slope Compensation function: avoids
subharmonic oscillation
• Built-in Leading Edge Blanking (LEB) function
• Auto Standby function:
▫ Input power, PIN < 25 mW at no load
▫ Normal load operation: PWM switching
▫ Light load operation: Standby mode (Burst oscillation)
• Soft Start function: reduces stress on internal power
MOSFET and output rectifier diode
Current Mode Control PWM Regulator ICs
For Switching Power Supplies
Typical Application
Package: TO-220F-6L
Not to scale
STR2W152D and STR2W153D
Continued on the next page…
STR2W100D-DS
VAC
C1
C5
R3
D3
D2
R2
C2
T1
D4
C6
R4
R5
U2
R9
R7
C7
D
P
S
PC1
PC1
C3
ROCP
C9
CRD Clamp Snubber Circuit
D1
R6
R8
L2
C8
C4
C, RC
Damper
Snubber
Circuit
VOUT
GND
1
7
6
5
34
STR
2W100D
U1
Applications
Switching power supplies for electronic devices such as:
• Home appliances
• Digital appliances
• Office automation (OA) equipment
• Industrial apparatus
• Communication facilities
May 14, 2012


Similar Part No. - STR2W152D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
More results

Similar Description - STR2W152D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
Control ICs for Switched-Mode Power Supplies
logo
Hitachi Semiconductor
HA16107P HITACHI-HA16107P Datasheet
170Kb / 38P
PWM Switching Regulator for High-performance Voltage Mode Control
HA17384PS HITACHI-HA17384PS Datasheet
159Kb / 6P
CURRENT MODE PWM CONTROL SWITTCHING REGULATOR ICS
logo
Renesas Technology Corp
HA16107P RENESAS-HA16107P Datasheet
454Kb / 40P
PWM Switching Regulator for High-performance Voltage Mode Control
logo
Sanken electric
SI-8100QL SANKEN-SI-8100QL Datasheet
436Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y Datasheet
59Kb / 2P
Current Mode Control Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
Current Mode Control PWM Regulator IC For Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com