Electronic Components Datasheet Search
  English  ▼

X  

STR3A151 Datasheet(PDF) 9 Page - Sanken electric

Part # STR3A151
Description  PWM Off-Line Switching Regulator ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A151 Datasheet(HTML) 9 Page - Sanken electric

Back Button STR3A151 Datasheet HTML 5Page - Sanken electric STR3A151 Datasheet HTML 6Page - Sanken electric STR3A151 Datasheet HTML 7Page - Sanken electric STR3A151 Datasheet HTML 8Page - Sanken electric STR3A151 Datasheet HTML 9Page - Sanken electric STR3A151 Datasheet HTML 10Page - Sanken electric STR3A151 Datasheet HTML 11Page - Sanken electric STR3A151 Datasheet HTML 12Page - Sanken electric STR3A151 Datasheet HTML 13Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
10
1
0.1
0.01
0.001
Transient Thermal Resistance Curve
Time (s)
10–6
10–5
10–4
10–3
10–2
10–1
Ambient Temperature, TA (°C)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
PD1 = 1.76 W
MOSFET Temperature versus Power Dissipation Curve
0
25
50
75
100
125
150
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
10
1
0.1
0.01
1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
Single pulse, TA = 25°C
1 ms
0.1 ms
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
Channel Temperature, Tch (°C)
100
80
60
40
20
0
S. O. A. Temperature Derating Coefficient Curve
0
25
50
75
100
125
150
Characteristic Performance
STR3A154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com