Electronic Components Datasheet Search
  English  ▼

X  

STR3A152 Datasheet(PDF) 13 Page - Sanken electric

Part # STR3A152
Description  PWM Off-Line Switching Regulator ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A152 Datasheet(HTML) 13 Page - Sanken electric

Back Button STR3A152 Datasheet HTML 6Page - Sanken electric STR3A152 Datasheet HTML 7Page - Sanken electric STR3A152 Datasheet HTML 8Page - Sanken electric STR3A152 Datasheet HTML 9Page - Sanken electric STR3A152 Datasheet HTML 10Page - Sanken electric STR3A152 Datasheet HTML 11Page - Sanken electric STR3A152 Datasheet HTML 12Page - Sanken electric STR3A152 Datasheet HTML 13Page - Sanken electric STR3A152 Datasheet HTML 14Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40% to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
•
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
•
Reinspect for rust on leads and solderability of the products that
have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between the product pins, and
wrong connections. Ensure all test parameters are within the
ratings specified by Sanken for the products.
Remarks About Using Silicone Grease with a Heatsink
•
When silicone grease is used in mounting the products on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce excess stress.
•
Volatile-type silicone greases may crack after long periods of
time, resulting in reduced heat radiation effect. Silicone greases
with low consistency (hard grease) may cause cracks in the mold
resin when screwing the products to a heatsink.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Soldering
•
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C
10±1 s
(Flow, 2 times)
380±10°C 3.5±0.5 s (Soldering iron, 1 time)
•
Soldering should be at a distance of at least 1.5 mm from the
body of the products.
Electrostatic Discharge
•
When handling the products, the operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance from the operator to ground to prevent shock hazard,
and it should be placed near the operator.
•
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
•
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
•
When soldering the products, the head of soldering irons or the
solder bath must be grounded in order to prevent leak voltages
generated by them from being applied to the products.
•
The products should always be stored and transported in Sanken
shipping containers or conductive containers, or be wrapped in
aluminum foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com