Electronic Components Datasheet Search
  English  ▼

X  

STR3A153 Datasheet(PDF) 3 Page - Sanken electric

Part # STR3A153
Description  PWM Off-Line Switching Regulator ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A153 Datasheet(HTML) 3 Page - Sanken electric

  STR3A153 Datasheet HTML 1Page - Sanken electric STR3A153 Datasheet HTML 2Page - Sanken electric STR3A153 Datasheet HTML 3Page - Sanken electric STR3A153 Datasheet HTML 4Page - Sanken electric STR3A153 Datasheet HTML 5Page - Sanken electric STR3A153 Datasheet HTML 6Page - Sanken electric STR3A153 Datasheet HTML 7Page - Sanken electric STR3A153 Datasheet HTML 8Page - Sanken electric STR3A153 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Peak Current1
IDPEAK
STR3A151
Single pulse
8−1
3.6
A
STR3A152
4
A
STR3A153
5.2
A
STR3A154
6.4
A
STR3A155
7.2
A
Avalanche Energy2
EAS
STR3A151
Single pulse, ILPEAK = 2.13 A
8−1
53
mJ
STR3A152
Single pulse, ILPEAK = 2.19 A
56
mJ
STR3A153
Single pulse, ILPEAK = 2.46 A
72
mJ
STR3A154
Single pulse, ILPEAK = 2.66 A
83
mJ
STR3A155
Single pulse, ILPEAK = 3.05 A
110
mJ
S/OCP Pin Voltage
VOCP
1−3
−2 to 6
V
Control Part Input Voltage
VCC
2−332
V
FB/OLP Pin Voltage
VFB
4−3
−0.3 to 14
V
FB/OLP Pin Sink Current
IFB
4−3
1.0
mA
MOSFET Power Dissipation3
PD1
STR3A151
STR3A152
Mounted on 15 mm × 15 mm
printed circuit board
8−1
1.68
W
STR3A153
STR3A154
1.76
W
STR3A155
1.81
W
Control Part Power Dissipation
PD2
VCC × ICC
2−3
1.3
W
Operating Ambient Temperature
TOP
−40 to 125
°C
Storage Temperature
Tstg
−40 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
3
Refer to MOSFET Temperature versus Power Dissipation Curve.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com