Electronic Components Datasheet Search
  English  ▼

X  

STR3A154 Datasheet(PDF) 4 Page - Sanken electric

Part # STR3A154
Description  PWM Off-Line Switching Regulator ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A154 Datasheet(HTML) 4 Page - Sanken electric

  STR3A154 Datasheet HTML 1Page - Sanken electric STR3A154 Datasheet HTML 2Page - Sanken electric STR3A154 Datasheet HTML 3Page - Sanken electric STR3A154 Datasheet HTML 4Page - Sanken electric STR3A154 Datasheet HTML 5Page - Sanken electric STR3A154 Datasheet HTML 6Page - Sanken electric STR3A154 Datasheet HTML 7Page - Sanken electric STR3A154 Datasheet HTML 8Page - Sanken electric STR3A154 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
Electrical Characteristics of Control Part Unless specifically noted, TA is 25°C, VCC = 18 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Operation Start Voltage
VCC(ON)
2 – 3
13.8
15.3
16.8
V
Operation Stop Voltage*
VCC(OFF)
2 – 3
7.3
8.1
8.9
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
2 – 3
−−
2.5
mA
Minimum Start Voltage
VST(ON)
8 – 3
40
V
Startup Current
ISTARTUP
VCC = 13.5 V
2 – 3
−3.9
−2.5
−1.1
mA
Startup Current Threshold Biasing
Voltage*
VCC(BIAS)
2 – 3
8.5
9.5
10.5
V
Average Operation Frequency
fOSC(AVG)
8 – 3
60
67
74
kHz
Frequency Modulation Deviation
Δf
8 – 3
5
kHz
Maximum Duty Cycle
DMAX
8 – 3
65
74
83
%
Leading Edge Blanking Time
tBW
350
ns
OCP Compensation Coefficient
DPC
17
mV/μs
OCP Compensation Duty Cycle Limit
DDPC
−−
36
%
OCP Threshold Voltage at
Zero Duty Cycle
VOCP(L)
1 – 3
0.69
0.78
0.87
V
OCP Threshold Voltage at
36% Duty Cycle
VOCP(H)
1 – 3
0.79
0.88
0.97
V
Maximum Feedback Current
IFB(MAX)
4 – 3
−110
−70
−35
μA
Minimum Feedback Current
IFB(MIN)
4 – 3
−30
−15
−7
μA
FB/OLP Oscillation Stop Threshold
Voltage
VFB(OFF)
STR3A151
STR3A152
STR3A153
VCC = 32 V
4 – 3
1.09
1.21
1.33
V
STR3A154
STR3A155
VCC = 32 V
4 – 3
0.85
0.98
1.09
V
OLP Threshold Voltage
VFB(OLP)
VCC = 32 V
4 – 3
7.3
8.1
8.9
V
OLP Operation Current
ICC(OLP)
VCC = 12 V
2 – 3
230
−μA
OLP Delay Time
tOLP
547086
ms
FB/OLP Clamp Voltage
VFB(CLAMP)
4 – 3
11.0
12.8
14.0
V
OVP Threshold Voltage
VCC(OVP)
2 – 3
27.5
29.5
31.5
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
135
−−
°C
*VCC(BIAS) > VCC(OFF) always.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com