Electronic Components Datasheet Search
  English  ▼

X  

UM3003 Datasheet(PDF) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

Part # UM3003
Description  P-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XINDEYI [ShenZhen XinDeYi Electronics Co., Ltd.]
Direct Link  
Logo XINDEYI - ShenZhen XinDeYi Electronics Co., Ltd.

UM3003 Datasheet(HTML) 1 Page - ShenZhen XinDeYi Electronics Co., Ltd.

  UM3003 Datasheet HTML 1Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3003 Datasheet HTML 2Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3003 Datasheet HTML 3Page - ShenZhen XinDeYi Electronics Co., Ltd. UM3003 Datasheet HTML 4Page - ShenZhen XinDeYi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UM3003
P-Ch 30V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
1
-7.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
1
-5.8
A
IDM
Pulsed Drain Current
2
-50
A
EAS
Single Pulse Avalanche Energy
3
176
mJ
IAS
Avalanche Current
-38
A
PD@TA=25℃
Total Power Dissipation
4
1.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
85
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
36
℃
/W
ID
-30V
20mΩ
-7.5A
The UM3003 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UM3003 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOP8 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Part No. - UM3003

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM3003 DOINGTER-UM3003 Datasheet
1Mb / 4P
P-Channel MOSFET uses advanced trench technology
More results

Similar Description - UM3003

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3001 UNITPOWER-UD3001 Datasheet
719Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UD3003 UNITPOWER-UD3003 Datasheet
757Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKL3107 PACELEADER-PKL3107 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
PKN3113 PACELEADER-PKN3113 Datasheet
1Mb / 5P
P-Ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3401K UPI-QM3401K Datasheet
270Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3031 FETEK-FKBA3031 Datasheet
687Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
FKCE3031 FETEK-FKCE3031 Datasheet
554Kb / 5P
P-Ch 30V Fast Switching MOSFETs
Ver : B
FKD3115 FETEK-FKD3115 Datasheet
496Kb / 4P
P-Ch 30V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com