Electronic Components Datasheet Search
  English  ▼

X  

SS1101ESOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1101ESOT
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1101ESOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1101ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS1101ESOT Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS1101
Unipolar Hall Switch-Low Sensitivity
Features and Benefits
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Proximity detection
–
Current detector
–
3.5V to 24V Operation
–
-40℃ to 150℃ Superior temperature operation
–
CMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
Open drain output
–
Low sensitivity
–
Small Size-SOT23 3L or SIP 3L
–
both RoHS compliant packages
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
VDD
OUT
Voltage
Regulatr
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 3 – OUT
Pin 3 – GND
Pin 2 – GND
Pin 2 – OUT
 
1
V2.00
May 1, 2012


Similar Part No. - SS1101ESOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1101ESOT SECELECTRONICS-SS1101ESOT Datasheet
246Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1101ESOT SECELECTRONICS-SS1101ESOT Datasheet
284Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS1101ESOT

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881 Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS159 SECELECTRONICS-SS159 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1104 SECELECTRONICS-SS1104_13 Datasheet
257Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com