Electronic Components Datasheet Search
  English  ▼

X  

HT47C06L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT47C06L Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.2
1.5
2.2
V
VCC
LCD Voltage
¾ VCC=2´VDD
2.4
3
4.4
V
VLVD
Low Voltage Detector Voltage
¾ *RLVD=30kW
1.25
1.3
1.35
V
IDD
Operating Current
1.5V
No load, fSYS=32kHz,
A/D Off, LVD disabled
¾
10
20
mA
No load, fSYS=32kHz,
A/D On, LVD disabled,
*R=30k
W, *C=2200pF
¾
30
60
mA
No load, fSYS=128kHz,
A/D Off, LVD disabled
¾
15
30
mA
No load, fSYS=128kHz,
A/D On, LVD disabled,
*R=30k
W, *C=2200pF
¾
35
70
mA
ILVD
LVD Current
1.5V LVD enabled
¾
50
100
mA
ISTB1
Standby Current
(LVD Disabled, LCD Off)
1.5V
No load, system HALT
A/D Off, LVD Off
¾¾
1
mA
ISTB2
Standby Current
(LCD On)
1.5V
No load, fSYS=32kHz,
A/D Off, LVD disabled
¾
510
mA
No load, fSYS=128kHz,
A/D Off, LVD disabled
¾
816
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.8VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
IOL1
I/O Port Sink Current
(PA0/BZ, PA1/BZ, PA2/EL, PA3~PA7)
1.5V VOL=0.15V
0.5
0.8
¾
mA
IOH1
I/O Port Source Current
(PA0/BZ, PA1/BZ, PA2/EL, PA3~PA7)
1.5V VOH=1.35V
-0.3
-0.6
¾
mA
IOL2
I/O Port Sink Current
(RREF, RSEN)
1.5V VRREF, RSEN=0.15V
47
¾
mA
IOH2
I/O Port Source Current
(RREF, RSEN)
1.5V VRREF, RSEN=1.35V
-3
-5
¾
mA
IOL3
Common Output Sink Current
1.5V VOL=0.3V (1/2 bias)
50
100
¾mA
IOH3
Common Output Source Current
1.5V VOH=2.7V(1/2 bias)
-50
-100
¾mA
IOL4
Segment Output Sink Current
1.5V VOL=0.3V (1/2 bias)
50
100
¾mA
IOH4
Segment Output Source Current
1.5V VOH=2.7V(1/2 bias)
-50
-100
¾mA
RPH
Pull-high Resistance
1.5V VIL=0V
75
150
300
k
W
Note:
*R stands for the RC type A/D converter resistance
*C stands for the RC type A/D converter capacitance
*RLVD value may be different for different lots
HT47C06L
Rev. 1.00
4
June 15, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com