Electronic Components Datasheet Search
  English  ▼

X  

HT48R005 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT48R005
Description  Small Package 8-Bit OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R005 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT48R005_12 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R005_12 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
HT48R005/HT46R005
Rev. 1.20
39
September 26, 2012
A/D Operation
The START bit in the ADCR register is used to start and
reset the A/D converter. When the microcontroller sets
this bit from low to high and then low again, an analog to
digital conversion cycle will be initiated. When the
START bit is brought from low to high but not low again,
the EOCB bit in the ADCR register will be set high and
the analog to digital converter will be reset. It is the
START bit that is used to control the overall start opera-
tion of the internal analog to digital converter.
The EOCB bit in the ADCR register is used to indicate
when the analog to digital conversion process is com-
plete. This bit will be automatically set to "0" by the
microcontroller after a conversion cycle has ended. In
addition, the corresponding A/D interrupt request flag
will be set in the interrupt control register, and if the inter-
rupts are enabled, an appropriate internal interrupt sig-
nal will be generated. This A/D internal interrupt signal
will direct the program flow to the associated A/D inter-
nal interrupt address for processing. If the A/D internal
interrupt is disabled, the microcontroller can be used to
poll the EOCB bit in the ADCR register to check whether
it has been cleared as an alternative method of detect-
ing the end of an A/D conversion cycle.
The ADC module power is managed by the ADONB in
the ACSR register and the PCRn bits in the ADCR regis-
ter. The accompanying table illustrates the power con-
trol for the ADC module. As we can see from this table,
the ADC module can be disabled by setting the PCRn
bits to
²0² or the ADONB bit to ²0².It¢s recommended to
disable the ADC module to reduce power consumption
when the A/D converter function is not being used. Note
that the ADC module ON or OFF will not be affected by
entering the HALT mode.
PCRn
Bits
HALT
Instruction
ADONB
Bit
ADC
On/Off
= 0
X
X
Off
>0
X
0
On
> 0
X
1
Off
Note: X: Don
¢t care
A/D Converter On/Off Control
The clock source for the A/D converter, which originates
from the system clock fSYS, can be chosen to be either
fSYS or a subdivided version of fSYS .The division ratio
value is determined by the ADCS2~ADCS0 bits in the
ACSR register.
Although the A/D clock source is determined by the sys-
tem clock fSYS, and by bits ADCS2~ADCS0, there are
some limitations on the maximum A/D clock source
speed that can be selected. As the minimum value of per-
missible A/D clock period, tADCK,is0.5
ms, care must be
taken for system clock frequencies equal to or greater
than 4MHz. For example, if the system clock operates at
a frequency of 4MHz, the ADCS2~ADCS0 bits should
not be set to
²100². Doing so will give A/D clock periods
that are less than the minimum A/D clock period which
may result in inaccurate A/D conversion values. Refer to
the following table for examples, where values marked
with an asterisk * show where, depending upon the de-
vice, special care must be taken, as the values may be
less than the specified minimum A/D Clock Period.
· ACSR Register
Bit
76543210
Name
TEST
ADONB
¾¾¾
ADCS2
ADCS1
ADCS0
R/W
R/W
R/W
¾¾¾
R/W
R/W
R/W
POR
1
1
¾¾¾
000
Bit 7
TEST: for test mode use only
Bit 6
ADONB: ADC module power on/off control bit
0: ADC module power on
1: ADC module power off
Note: 1. it is recommended to set ADONB=1 before entering sleep for saving power.
2. ADONB=1 will power down the ADC module.
Bit 5~3
unimplemented, read as
²0²
Bit 2~0
ADCS2~ADCS0 : Select A/D converter clock source
000: fSYS/2
001: fSYS/8
010: fSYS/32
011: undefined, can
¢t be used.
100: fSYS
101: fSYS/4
110: fSYS/16
111: undefined, can
¢t be used.
These three bits are used to select the clock source for the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com