Electronic Components Datasheet Search
  English  ▼

X  

SAC50 Datasheet(PDF) 21 Page - Littelfuse

Part # SAC50
Description  TVS Diode Products
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SAC50 Datasheet(HTML) 21 Page - Littelfuse

Back Button SAC50 Datasheet HTML 17Page - Littelfuse SAC50 Datasheet HTML 18Page - Littelfuse SAC50 Datasheet HTML 19Page - Littelfuse SAC50 Datasheet HTML 20Page - Littelfuse SAC50 Datasheet HTML 21Page - Littelfuse SAC50 Datasheet HTML 22Page - Littelfuse SAC50 Datasheet HTML 23Page - Littelfuse SAC50 Datasheet HTML 24Page - Littelfuse SAC50 Datasheet HTML 25Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
17
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Transient Voltage Suppression Diodes
P4SMA Series
Surface Mount – 400W > P4SMA series
Part Numbering System
VOLTAGE
BI-DIRECTIONAL
5% VOLTAGE TOLERANCE
SERIES
P4SMA XXX C A
Packaging
Part number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
P4SMAxxxXX
DO-214AC
5000
EIA STD RS-481
Part Marking System
F
Marking Code
Littelfuse Logo
Cathode Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com