Electronic Components Datasheet Search
  English  ▼

X  

BXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # BXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  BXW Datasheet HTML 1Page - RUBYCON CORPORATION BXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXW
 
Rated
Voltage
(V.DC)
Capacitance
(μF)
Size
φD×L
(㎜)
Ripple Current(A r.m.s. 105℃)
120Hz
100kHz
18
27
27
33
39
39
39
47
56
56
56
56
68
68
68
68
82
82
100
100
100
100
120
120
120
150
150
180
180
220
15
22
27
27
33
33
33
39
39
47
47
47
56
56
56
56
10×20
10×25
12.5×20
10×30
10×35
12.5×25
14.5×20
10×40
10×45
12.5×30
14.5×25
16×20
12.5×35
14.5×30
16×25
18×20
12.5×40
14.5×35
12.5×50
14.5×40
16×30
18×25
14.5×45
16×35
18×30
16×45
18×35
16×50
18×40
18×50
10×20
10×25
10×30
12.5×20
10×35
12.5×25
14.5×20
10×40
16×20
10×45
12.5×30
14.5×25
12.5×35
14.5×30
16×25
18×20
0.22
0.29
0.29
0.34
0.39
0.37
0.35
0.44
0.50
0.47
0.46
0.42
0.55
0.54
0.51
0.47
0.62
0.63
0.74
0.72
0.66
0.62
0.82
0.76
0.73
0.93
0.87
1.05
0.99
1.13
0.19
0.25
0.29
0.27
0.34
0.33
0.31
0.39
0.35
0.44
0.41
0.40
0.47
0.48
0.46
0.42
0.44
0.58
0.58
0.68
0.78
0.74
0.70
0.88
1.00
0.94
0.92
0.84
1.10
1.08
1.02
0.94
1.24
1.26
1.48
1.44
1.32
1.24
1.64
1.52
1.46
1.86
1.74
2.10
1.98
2.26
0.38
0.50
0.58
0.54
0.68
0.66
0.62
0.78
0.70
0.88
0.82
0.80
0.94
0.96
0.92
0.84
Ripple Current(A r.m.s. 105℃)
120Hz
100kHz
0.58
0.66
0.59
0.58
0.56
0.72
0.67
0.67
0.77
0.77
0.92
0.90
1.00
0.19
0.23
0.27
0.25
0.32
0.29
0.36
0.33
0.41
0.38
0.38
0.35
0.44
0.39
0.51
0.48
0.45
0.58
0.55
0.54
0.57
0.63
0.62
0.75
0.72
0.66
0.81
0.76
0.95
1.05
1.16
1.32
1.18
1.16
1.12
1.44
1.34
1.34
1.54
1.54
1.84
1.80
2.00
0.38
0.46
0.54
0.50
0.64
0.58
0.72
0.66
0.82
0.76
0.76
0.70
0.88
0.78
1.02
0.96
0.90
1.16
1.10
1.08
1.14
1.26
1.24
1.50
1.44
1.32
1.62
1.52
1.90
2.10
400
420
Rated
Voltage
(V.DC)
Capacitance
(μF)
Size
φD×L
(㎜)
68
82
82
82
82
100
100
100
120
120
150
150
180
15
18
22
22
27
27
33
33
39
39
39
39
47
47
56
56
56
68
68
68
68
82
82
100
100
100
120
120
150
180
12.5×45
12.5×50
14.5×40
16×30
18×25
14.5×45
16×35
18×30
16×40
18×35
16×50
18×40
18×45
10×20
10×25
10×30
12.5×20
10×35
14.5×20
10×40
12.5×25
10×45
12.5×30
14.5×25
16×20
12.5×35
18×20
12.5×40
14.5×30
16×25
12.5×45
14.5×35
16×30
18×25
14.5×40
16×35
14.5×50
16×40
18×30
16×45
18×35
18×45
18×50
420
450



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com