Electronic Components Datasheet Search
  English  ▼

X  

SMB212 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB212
Description  Programmable Power Managers with Digital Power Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB212 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB212 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB211/212
Preliminary Information
© SUMMIT Microelectronics, Inc. 2008 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2139
2.2 1/17/2011
1
Programmable Power Managers with Digital Power Control
Features
Digital Power Control via 2-wire serial interface and non-
volatile memory
Current-mode control
Input voltage range: +4.5V to +13.5V
More than 15A output current
Output voltage accuracy:
1.0%
Static or dynamically programmable output voltage
o
+0.5V to +2.5V, 10mV steps
o
+1V to +5.0V, 20mV steps
Cycle-by-cycle current limit
Output voltage margining
Output UV/OV monitoring
Internal over-temperature protection
PWM or PFM operation
Programmable system power control
o
Digital soft-start control
o
Power-on delay
o
Switching frequency
o
PGOOD/RESET/SMB_ALERT output
o
Enable/disable control
o
Serial-interface slave addresses
o
Output voltage
Applications
Printers
Digital Set-Top Boxes
Digital TVs
Modems
Datacom/Telecom Equipment
Servers
The SMB211/212 are highly integrated and flexible power manager
designed for use in a wide range of applications from printers and set-
top boxes to servers and network equipment. The built-in non-volatile
digital programmability allows system designers to custom tailor the
device to suit almost any power supply application.
The SMB211/212 feature a synchronous high current step-down “buck”
controller that can provide an output current of more than 15A. They
can operate with an input voltage of +4.5V to +13.5V and provide
programmable output voltages that are typically accurate to 1.0%. The
SMB211 is available with a switching frequency of 250, 500, 750 and
1000kHz, while the SMB212 is available with a switching frequency of
250, 375, 500 and 625kHz.
Additional sophisticated power control/monitoring functions required by
complex systems are built-in and programmed via an industry-standard
2-wire serial interface. These include digitally programmable output
voltage set-point and margining, power-on delay, soft-start, switching
frequency and UV/OV output voltage monitoring.
The integration of features and built-in flexibility of the SMB211/212
allows the system designer to create a “platform solution” that can be
easily modified via software without major hardware changes. This
facilitates rapid design cycles and proliferation from a base design to
future generations of product.
Communication is accomplished via an industry standard 2-wire serial
bus. All non-volatile programmed settings are stored in non-volatile
memory and reset during power-up. The operating temperature range
is –30C to +85C and the available package is a 3mm x 3mm QFN-20.
SYSTEM APPLICATION
FEATURES & APPLICATIONS
INTRODUCTION
SMB211/212
I2C/SMBus
(PMBus)
System
Control
and
Monitoring
Status/Alert Outputs
EN/Control Input
+4.5V to +13.5V
VIN
Step-Down
ext. FET
0.5V-5V (Prog.)
20A+
ASIC/CPU/
SoC
Figure 1 – Typical SMB211/212 System Diagram


Similar Part No. - SMB212

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMB21 FCI-SMB21 Datasheet
125Kb / 2P
2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES Mechanical Dimensions
SMB210 FCI-SMB210 Datasheet
125Kb / 2P
2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES Mechanical Dimensions
SMB2100 FCI-SMB2100 Datasheet
114Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results

Similar Description - SMB212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
logo
Linear Technology
LTC4098 LINER-LTC4098 Datasheet
420Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
Maxim Integrated Produc...
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB206A SUMMIT-SMB206A Datasheet
1Mb / 27P
Dual Programmable Buck Regulators with Integrated MOSFETs and Digital Control
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
Linear Technology
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
COTEK ELECTRONIC IND. C...
AD-1500-LV COTEK-AD-1500-LV Datasheet
1Mb / 6P
1500W Programmable Digital Power Supply
2022.04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com