Electronic Components Datasheet Search
  English  ▼

X  

SMM152 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMM152 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SMM151/152
Summit Microelectronics, Inc
2131 3.0 1/20/2010
7
DC OPERATING CHARACTERISTICS (CONTINUED)
TA= 0°C to +70°C, VDD = 2.7V to 5.5V, VCS = 4.0V to 15V, unless otherwise noted. All voltages are relative to GND.
Note 6.
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
IAIT
Address Input Tristate
Maximum Leakage – High Z
-3.0
+3.0
μA
OV/UV
Monitor Voltage Range
COMP1 and COMP2 pins
0
VDD
V
VHYST
COMP1/2 DC Hysteresis
COMP1 and COMP2 pins,
VTH-VTL
(see Note 1)
10
mV
RPull-Up
Input Pull-Up Resistors
See Pin Descriptions, Note 5
50
k
Ω
VREF=1.25V
1.24
1.25
1.26
VREF
Internal COMP1/2 Reference
VREF=0.5V
0.495
0.500
0.505
V
VM+ - VM- = 1.2V, Note 4
-1.0
±0.75
+1.0
%
MARGACC
Margin Accuracy
VM+ - VM- = 2.5V, Note 4
-1.0
±0.75
+1.0
%
VMADC
Voltage Monitor ADC
Measure Range
VM+ - VM-
0
VDD
V
RVM
VM+, VM- Input Resistance
Note 5
50
k
Ω
CMRRVM
Voltage Sense Common
Mode Rejection Ratio
VCM (VM+, VM-) = 0.5V – VDD, Note 5
62
dB
Minimum CS+ - CS- voltage
0
CSADC
Current Monitor ADC
Measure Range
Maximum CS+ - CS- voltage
100
mV
CSADC ≥ 50mV, Note 2
-2
+2
%
CSACC
Current Sense Accuracy
CSADC < 50mV, Note 2
-1
+1
mV
VCM (CS+, CS-) = 5.0V, Note 5
100
CMRRCS
Current Sense Common
Mode Rejection Ratio
VCM (CS+, CS-) = 12V, Note 5
80
dB
Note 1:
VHYST is measured with a 1.25V external voltage and is determined by subtracting Threshold Low from Threshold High, VTH-VTL while
monitoring the FAULT# pin state. Actual DC Hysteresis is derived from the equation: (VIN(COMP1/2)/VREF)(VHYST). For example, if VIN(COMP1/2)/=2.5V
and VREF=1.25V then Actual DC Hysteresis= (2.5V/1.25V)(0.003V)=6mV.
Note 2: Current sense accuracy depends on the current sense resistor tolerance. Kelvin sensing of the voltage drop across this resistor must be
used to guarantee accuracy. Accuracy at the low range of the current monitor ADC will be adversely impacted by offset errors.
Note 3: It is recommended that ADC reads occur with a frequency of not more than 250Hz.
Note 4: Voltage accuracy is only guaranteed for factory-programmed settings. Changing voltage from the value reflected in the customer specific
CSIR code may result in inaccuracies exceeding those specified above.
Note 5: Not 100% Production tested. Guaranteed by Design and/or Characterization.
Note 6: All electrical parameters are guaranteed to function over the stated VDD, VCS and temperature range. Electrical parameters not specified
as "guaranteed by design" are tested with a VDD voltage required of the specific application. For example, if the device is to be operated at 3.3V
and VCS supply of 12V, it is tested with a VDD supply of 3.3V, +-10% and a VCS supply of 12V, +-10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com