Electronic Components Datasheet Search
  English  ▼

X  

ADM2485 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2485
Description  Digital Isolator Product Selection and Resource Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2485 Datasheet(HTML) 3 Page - Analog Devices

  ADM2485 Datasheet HTML 1Page - Analog Devices ADM2485 Datasheet HTML 2Page - Analog Devices ADM2485 Datasheet HTML 3Page - Analog Devices ADM2485 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Isolated Switching Regulators
Part Number
Number of Data Channels
Max Data Rate
(Mbps)
Isolated Supply Output
Max Temperature
(°C)
Package
Total
Reverse Direction Options
0
1
2
3
4
Current (mA)
Range (V)
2.5 kV rms Isolation
ADuM3070
0
500
3.3 to 24
105
16-lead QSOP
ADuM347x
4
•
•
•
•
•
1, 25
400
3.3 to 24
105
20-lead SSOP
5 kV rms Isolation
ADuM4070
0
500
3.3 to 24
105
16-lead SOIC_IC
ADuM447x
4
•
•
•
•
•
1, 25
500
3.3 to 24
105
20-lead SOIC_IC
USB 2.0 Certified Isolators
Part Number
Insulation Rating (kV rms)
Data Rate
Max Temperature (°C)
Package
ADuM3160
2.5
Low Speed: 1.5 Mbps
Full Speed: 12 Mbps
105
16-lead SOIC_W
ADuM4160
5
Low Speed: 1.5 Mbps
Full Speed: 12 Mbps
105
16-lead SOIC_W/16-lead SOIC_IC
Isolated Gate Drivers
Part Number
Isolated
Channels
Insulation Rating
(kV rms)
Frequency
(MHz)
Output Voltage
Range (V)
Max Output Current
(A
PEAK)
Power Level
(mW)
Input Logic
Levels
Max Temperature
(°C)
Package
ADuM6132
1
3.7
1
12.5 to 17
0.2
275
CMOS
85
16-lead SOIC_W
ADuM7234
2
1
1
12 to 18
4
CMOS
105
16-lead SOIC_N
ADuM1233
2
2.5
5
12 to 18
0.1
TTL
105
16-lead SOIC_W
ADuM1234
2
2.5
5
12 to 18
0.1
CMOS
105
16-lead SOIC_W
ADuM3220
*
2
2.5
1
4.5 to 18
4
CMOS
125
8-lead SOIC_N
ADuM3221
*
2
2.5
1
4.5 to 18
4
CMOS
125
8-lead SOIC_N
ADuM5230
2
2.5
1
12 to 18
0.1
150
CMOS
105
16-lead SOIC_W
ADuM3223
2
3
1
4.5 to 18
4
CMOS
125
16-lead SOIC_N
ADuM4223
2
5
1
4.5 to 18
4
CMOS
125
16-lead SOIC_W
Isolated I2C-Compliant Bidirectional Digital Isolators
Part Number
Insulation Rating
(kV rms)
Serial Data
Serial Clock
Max Data Rate (Mbps) Max Temperature (°C)
Package
ADuM1250
*
2.5
Bidirectional
Bidirectional
1
105
8-lead SOIC_N
ADuM1251
*
2.5
Bidirectional
Unidirectional
1
105
8-lead SOIC_N
ADuM2250
5
Bidirectional
Bidirectional
1
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM2251
5
Bidirectional
Unidirectional
1
105
16-lead SOIC_W/16-lead SOIC_IC
Isolated CAN Transceivers
Part Number
Insulation Rating
(kV rms)
High Voltage Bus Side
Regulator
Max Data Rate
(Mbps)
Integrated
isoPower
Power Supply (V)
Max Temperature (°C)
Package
Logic Side
Bus Side
ADM3053
2.5
1
•
5
85
20-lead SOIC_W
ADM3052
5
•
1
3 to 5.5
24
85
16-lead SOIC_W
ADM3054
5
1
3 to 5.5
5
125
16-lead SOIC_W
Isolated RS-485 Transceivers
Part Number
Insulation
Rating
(kV rms)
Full
Duplex
Half
Duplex
Max Data
Rate
Integrated
isoPower
Integrated
Transformer
Driver
Power Supply (V)
Max Temperature
(°C)
Package
Logic Side
Bus Side
ADM2481
2.5
•
500 kbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2482E
2.5
•
•
16 Kbps
•
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2483
2.5
•
500 kbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2485
2.5
•
16 Mbps
•
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2486
2.5
•
20 Mbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2487E
2.5
•
•
500 kbps
•
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2582E
2.5
•
•
16 Mbps
•
3.0 to 5.0
—
85
20-lead SOIC W
ADM2587E
2.5
•
•
500 kbps
•
3.0 to 5.0
—
85
20-lead SOIC W
ADM2484E
5
•
•
500 kbps
3.0 to 5.0
3.3
85
16-lead SOIC_W
ADM2490E
5
•
16 Mbps
3.0 to 5.0
5
105
16-lead SOIC_W
ADM2491E
5
•
•
16 Mbps
3.0 to 5.0
5
85
16-lead SOIC_W
ADM2682E
5
•
•
16 Mbps
•
3.0 to 5.0
—
85
16-lead SOIC_IC
ADM2687E
5
•
•
500 kbps
•
3.0 to 5.0
—
85
16-lead SOIC_IC
Isolated RS-232 Transceivers
Part Number
Insulation Rating
(kV rms)
ESD Protection (kV)
Max Data Rate
(kbps)
Number Tx
Number Rx
Integrated
isoPower
Max Temperature
(°C)
Package
ADM3251E
2.5
15
460
1
1
•
85
20-lead SOIC_W
ADM3252E
2.5
15
460
2
2
•
85
BGA
Isolated
����-���� ADCs
Part Number
Insulation Rating
(kV rms)
Resolution (Bits)
Clock Rate
(MHz)
Clock Source
Power (mW)
Power Supply (V)
Package
ADC Side
Bus Side
AD7400
3.75
16
10
Internal
72
3.0 to 5.0
5.0
16-lead SOIC_W
AD7400A
3.75
16
10
Internal
75
3.0 to 5.0
5.0
8-lead PDIP_SMD
AD7401
3.75
16
20
External
72
3.0 to 5.0
5.0
16-lead SOIC_W
AD7401A
3.75
16
20
External
72
3.0 to 5.0
5.0
16-lead SOIC_W
*AEC-Q100 qualified models available for use in automotive applications. Please visit product pages for more information.
www.analog.com/icoupler
| 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com