Electronic Components Datasheet Search
  English  ▼

X  

ADM2490E Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2490E
Description  Digital Isolator Product Selection and Resource Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2490E Datasheet(HTML) 1 Page - Analog Devices

  ADM2490E Datasheet HTML 1Page - Analog Devices ADM2490E Datasheet HTML 2Page - Analog Devices ADM2490E Datasheet HTML 3Page - Analog Devices ADM2490E Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Isolator Product Selection
and Resource Guide
Digital isolators with iCoupler® technology enable designers to implement
isolation in designs without the cost, size, power, performance, and reliabil-
ity constraints found with optocouplers. iCoupler digital isolators also meet
the wide range of creepage/clearance requirements and are the industry’s
only digital isolators with certified 8 mm creepage. With more than half a
billion channels shipped into the field, these magnetically isolated products
meet the same rigid safety standards as optocouplers.
Portfolio Offerings
• Single and multichannel
data isolators
• Digital isolators with
isolated power: isoPower®
• USB isolators
• Isolated gate drivers
• I2C® digital isolators
• Isolated CAN transceivers
• Isolated RS-485 transceivers
• Isolated RS-232 transceivers
• Isolated
Σ-∆ modulators
Advantages of the Broadest Portfolio of Digital Isolators
Performance
4
× improvement in data rate and timing specifications.
Integration
Multiple isolation channels integrated with other functions reduce
size, cost, and design complexity.
Power Consumption
Operates at power levels up to 90% lower than optocouplers.
Ease of Use
Standard digital CMOS interfaces mean no external components
needed to connect to other digital devices.
Reliability
Eliminates LED wearout traditionally found in optocouplers.
Safety
Meets same rigid safety standards as optocouplers, including
reinforced insulation.
www.analog.com/icoupler
Performance • Integration •
Efficiency • Reliability • Safety


Similar Part No. - ADM2490E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
10/06-Revision 0
ADM2490E AD-ADM2490E Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
559Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
10/06-Revision 0
ADM2490EBRWZ AD-ADM2490EBRWZ Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490EBRWZ-REEL7 AD-ADM2490EBRWZ-REEL7 Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
More results

Similar Description - ADM2490E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
Selection Guide and Product Data
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
SMT Trimmers - Product Selection Guide
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
miniSMD Selection Guide and Product Data
logo
Bourns Electronic Solut...
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
Resistor Networks Product Selection Guide
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
SMT Trimmers - Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
Resistor Networks Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com