Electronic Components Datasheet Search
  English  ▼

X  

AD7400 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7400
Description  Digital Isolator Product Selection and Resource Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7400 Datasheet(HTML) 2 Page - Analog Devices

  AD7400 Datasheet HTML 1Page - Analog Devices AD7400 Datasheet HTML 2Page - Analog Devices AD7400 Datasheet HTML 3Page - Analog Devices AD7400 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1-Channel Digital Isolators
Part Number
Isolation Rating
(kV rms)
Reverse Direction Options
Max Data Rate
(Mbps)
Output
Max Temperature (°C)
Package
Default
EN
0
1
2
3
H
L
Z
ADuM1100
2.5
•
25, 100
•
105, 125
8-lead SOIC_N
ADuM3100
2.5
•
25, 50
•
105
8-lead SOIC_N
2-Channel Digital Isolators
Part Number
Reverse Direction Options
Max Data Rate (Mbps)
Output
Max Temperature (°C)
Package
Default
EN
0
1
2
3
H
L
Z
1 kV rms Isolation
ADuM724x
•
•
1, 25
•
105
8-lead SOIC_N
2.5 kV rms Isolation
ADuM120x
*
•
•
1, 10, 25
•
105, 125
8-lead SOIC_N
ADuM1210
•
10
•
105
8-lead SOIC_N
ADuM128x
•
•
1, 25, 100
•
•
125
8-lead SOIC_N
ADuM320x
*
•
•
1, 10, 25
•
105, 125
8-lead SOIC_N
ADuM321x
*
•
1, 10
•
105, 125
8-lead SOIC_N
5 kV rms Isolation
ADuM220x
*
•
•
1, 10
•
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM221x
*
•
•
1,10
•
125
16-lead SOIC_W/16-lead SOIC_IC
3-Channel Digital Isolators
Part Number
Isolation Rating
(kV rms)
Reverse Direction Options
Max Data Rate
(Mbps)
Output
Max Temperature (°C)
Package
Default
EN
0
1
2
3
H
L
Z
ADuM130x
*
2.5
•
•
1, 10, 90
•
•
105, 125
16-lead SOIC_W
ADuM131x
2.5
•
•
1, 10
•
•
105
16-lead SOIC_W
ADuM330x
2.5
•
•
1, 10, 90
•
•
105
16-lead SOIC_W
4-Channel Digital Isolators
Part Number
Reverse Direction Options
Max Data Rate (Mbps)
Output
Max Temperature (°C)
Package
Default
EN
0
1
2
3
H
L
Z
1 kV rms Isolation
ADuM744x
•
•
•
1, 25
•
•
105
16-lead QSOP
2.5 kV rms Isolation
ADuM140x
*
•
•
•
1, 10, 90
•
105
16-lead SOIC_W
ADuM141x
•
•
•
1, 10
•
•
105
16-lead SOIC_W
ADuM340x
*
•
•
•
1, 10, 90
•
•
105
16-lead SOIC_W
ADuM344x
•
•
•
150
•
105
16-lead SOIC_W
5 kV rms Isolation
ADuM240x
•
•
•
1, 10, 90
•
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM440x
•
•
•
1, 10, 90
•
•
105
16-lead SOIC_W/16-lead SOIC_IC
5-Channel Digital Isolators
Part Number
Reverse Direction Options
Max Data Rate (Mbps)
Output
Max Temperature (°C)
Package
Default
EN
0
1
2
3
H
L
Z
1 kV rms Isolation
ADuM7510
•
10
•
105
16-lead QSOP
2.5 kV rms Isolation
ADuM1510
•
10
•
105
16-lead SOIC_W
6-Channel Digital Isolator
Part Number
Isolation Rating
(kV rms)
Reverse Direction Options
Max Data Rate
(Mbps)
Output
Max Temperature (°C)
Package
Default
EN
1
2
3
H
L
Z
ADuM764x
1
•
•
•
1, 25
•
105
20-lead QSOP
Digital Isolators with Isolated Power, isoPower
Part Number
Number of Data Channels
Max Data Rate
(Mbps)
Isolated Supply Output
Max Temperature
(°C)
Package
Total
Reverse Direction Options
0
1
2
3
4
Current (mA)
Range (V)
2.5 kV rms Isolation
ADuM5000
0
100
3.3 or 5.5
105
16-lead SOIC_W
ADuM520x
*
2
•
•
•
1, 25
100
3.3 or 5.5
105
16-lead SOIC_W
ADuM524x
2
•
•
•
1
10
4.5 or 5.5
105
8-lead SOIC_N
ADuM540x
*
4
•
•
•
•
•
1, 25
100
3.3 or 5.5
105
16-lead SOIC_W
5 kV rms Isolation
ADuM6000
0
100
3.3 or 5.5
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM620x
2
•
•
•
1, 25
100
3.3 or 5.5
105
16-lead SOIC_W/16-lead SOIC_IC
ADuM640x
4
•
•
•
•
•
1, 25
100
3.3 or 5.5
105
16-lead SOIC_W/16-lead SOIC_IC
*AEC-Q100 qualified models available for use in automotive applications. Please visit product pages for more information.
2
| www.analog.com/icoupler



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com