Electronic Components Datasheet Search
  English  ▼

X  

IR25601STRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR25601STRPBF
Description  Half-Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR25601STRPBF Datasheet(HTML) 4 Page - International Rectifier

  IR25601STRPBF Datasheet HTML 1Page - International Rectifier IR25601STRPBF Datasheet HTML 2Page - International Rectifier IR25601STRPBF Datasheet HTML 3Page - International Rectifier IR25601STRPBF Datasheet HTML 4Page - International Rectifier IR25601STRPBF Datasheet HTML 5Page - International Rectifier IR25601STRPBF Datasheet HTML 6Page - International Rectifier IR25601STRPBF Datasheet HTML 7Page - International Rectifier IR25601STRPBF Datasheet HTML 8Page - International Rectifier IR25601STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IR25601SPBF
4
www.irf.com
© 2012 International Rectifier
April 13, 2012
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-on propagation delay
120
220
320
ns
VS = 0V
toff
Turn-off propagation delay
130
220
330
VS = 0Vor 600V
tr
Turn-on rise time
60
200
300
tf
Turn-off fall time
20
100
170
DT
Dead time
80
100
190
MT
Delay matching, HS & LS turn-on/off
—
—
50
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are
referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective
output leads: HO and LO.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic “1” input voltage
2.3
—
—
V
VIL
Logic “0” input voltage
—
—
0.8
VOH
High level output voltage, VBIAS - VO
—
—
2.8
Io = 20mA
VOL
Low level output voltage, VO
—
—
1.2
ILK
Offset supply leakage current
—
—
50
μA
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
150
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
50
120
240
VIN = 0V or 5V
IIN+
Logic “1” input bias current
—
5
40
VIN = 5V
IIN-
Logic “0” input bias current
—
1.0
2.0
VIN = 0V
VCCUV+
VBSUV+
VCC and VBS supply undervoltage
positive going threshold
8
8.9
9.8
V
VCCUV-
VBSUV-
VCC supply undervoltage negative
going threshold
7.4
8.2
9
VCCUVH
VBSUVH
VCC supply undervoltage lockout
hysteresis
0.3
0.7
—
IO+
Output high short circuit pulsed
current
60
—
—
mA
VO = 0V
PW ≤ 10 μs
IO-
Output low short circuit pulsed
current
130
—
—
VO = 15V
PW ≤ 10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com