Electronic Components Datasheet Search
  English  ▼

X  

74LVC32A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC32A
Description  QUADRUPLE 2-INPUT OR GATES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC32A Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC32A Datasheet HTML 1Page - Diodes Incorporated 74LVC32A Datasheet HTML 2Page - Diodes Incorporated 74LVC32A Datasheet HTML 3Page - Diodes Incorporated 74LVC32A Datasheet HTML 4Page - Diodes Incorporated 74LVC32A Datasheet HTML 5Page - Diodes Incorporated 74LVC32A Datasheet HTML 6Page - Diodes Incorporated 74LVC32A Datasheet HTML 7Page - Diodes Incorporated 74LVC32A Datasheet HTML 8Page - Diodes Incorporated 74LVC32A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LVC32A
Document number: DS35263 Rev. 3 - 2
1 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC32A
QUADRUPLE 2-INPUT OR GATES
Description
The 74LVC32A provides four independent 2-input OR gates.
The
device is designed for operation with a power supply range of 1.65V
to 3.6V. The inputs are tolerant to 5.5V allowing this device to be
used in a mixed voltage environment. The device is fully specified for
partial power down applications using IOFF.
The IOFF circuitry
disables the output preventing damaging current backflow when the
device is powered down.
The gates perform the positive Boolean function:
B
A
Y
+
=
or
B
A
Y
•
=
Features
•
Supply Voltage Range from 1.65V to 3.6V
•
Sinks 24mA at VCC = 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs or outputs accept up to 5.5V
•
Inputs can be driven by 3.3V or 5.5V allowing for voltage
translation applications.
•
ESD Protection Exceeds JESD 22
200-V Machine Model (A115-A)
2000-V Human Body Model (A114-A)
•
Latch-Up Exceeds 250mA per JESD 78, Class II
•
Range of Package Options SO-14 and TSSOP-14
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
 
Pin Assignments
1
3
2
4
5
6
7
1A
1Y
1B
2A
2B
2Y
GND
13
14
12
11
10
9
8
4B
4Y
4A
3B
3A
3Y
Vcc
( Top View )
SO-14 / TSSOP-14
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Power Down Signal Isolation
•
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks, PDAs
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74LVC32A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32A PHILIPS-74LVC32A Datasheet
87Kb / 10P
Quad 2-input OR gate
1997 Jun 30
logo
Texas Instruments
74LVC32A TI-74LVC32A Datasheet
526Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
STMicroelectronics
74LVC32A STMICROELECTRONICS-74LVC32A Datasheet
221Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC32A NEXPERIA-74LVC32A Datasheet
236Kb / 13P
Quad 2-input OR gate
Rev. 8 - 27 August 2021
More results

Similar Description - 74LVC32A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 1
74HCT32 DIODES-74HCT32 Datasheet
296Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74HC32 DIODES-74HC32 Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74AHCT32 DIODES-74AHCT32 Datasheet
289Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
QUADRUPLE 2-INPUT OR GATES
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com