Electronic Components Datasheet Search
  English  ▼

X  

DM-232 Datasheet(PDF) 3 Page - Sony Corporation

Part # DM-232
Description  Magnetoresistance Element
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-232 Datasheet(HTML) 3 Page - Sony Corporation

  DM-232 Datasheet HTML 1Page - Sony Corporation DM-232 Datasheet HTML 2Page - Sony Corporation DM-232 Datasheet HTML 3Page - Sony Corporation DM-232 Datasheet HTML 4Page - Sony Corporation DM-232 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
—3—
DM-232
Basic Application
Rotation angular detection
Handling precautions
1) Most suitable magnetic field intensity
When the external magnetic
field is at H=14400A/m,
rotation angle can be
detected most effectively.
Whe the external magnetic field H<14400A/m, output voltage shrinks.
When the external magnetic field H>14400A/m, the detection angle range shrinks.
Whe the external magnetic field H<14400A/m, the detection angle range becomes larger. In regions other
than -90° to +90°, the magnetic field combined with the bias magnetic field, shrinks down, which is not
advisable. Also, when the range to be detected is smaller than -90° to +90° it is more advantageous to turn to
H>14400A/m.
2) External magnetic field direction
With regards to the bias magnetic field, usage at other than ±90° should be avoided. That causes a decrease
in the combined magnetic field intensity, that is not recommended.
1
Out put
Differential amplifier
2
4
3
N
S
Out put
Magnetic field
angle
θ
–90°
0°
90°
232
H
θ
H=14400A/m
H
H
232
232
H
H
1
1
Out put
Magnetic field
angle
θ
–90°
0°
90°
H>14400A/m
H=14400A/m
H<14400A/m
232
θ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com