Electronic Components Datasheet Search
  English  ▼

X  

0209000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0209000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0209000000 Datasheet(HTML) 2 Page - Weidmuller

  0209000000 Datasheet HTML 1Page - Weidmuller 0209000000 Datasheet HTML 2Page - Weidmuller 0209000000 Datasheet HTML 3Page - Weidmuller 0209000000 Datasheet HTML 4Page - Weidmuller 0209000000 Datasheet HTML 5Page - Weidmuller 0209000000 Datasheet HTML 6Page - Weidmuller 0209000000 Datasheet HTML 7Page - Weidmuller 0209000000 Datasheet HTML 8Page - Weidmuller 0209000000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
SAK-series
125
Weidmüller terminal - SAK-series- are pro-
ved in millions of applications for more
than 50 years.
Available for the two rail systems TS32
and TS35, the SAK terminals are useable
for every application and for all cross-sec-
tions. SAK terminals fulfill the requirements
of EN 60 947-7-1.
Thermosetting plastic or
Thermoplastic
Terminal of thermosetting plastic are nor-
mally used in applications where high con-
tinuous service temperature and high
flammability level are necessary. The
Weidmüller thermosetting plastic KRG is
very resistant against infection through
mould and micro-organisms.
The thermoplastic material Polyamide 66
has very good electrical and mechanical
properties upto 100 °C. PA66 is flexible
and unsusceptible to fracture, even with
low temperatures.
Polyamid 66 has improved fire resistance
and is self-extinguishing with flammability
level V2 according to UL 94.
Cross-connection systems
40% of all terminals are cross-connected
for potential branching.
Weidmüller distinguishes between the fol-
lowing cross-connection units for SAK-
series:
• type Q pre-assembled cross-connec-
tions
• type QL permanent cross-connections
• type VL removeable cross-connection
straps
• type QS removeable cross-connection
plugs
Cross-connection systems from the SAK
and AKZ series, type Q, QL or VL or other
freely accessible live components, must be
protected with appropriate covers ADP 1
or 4 or TSK 31.5 as long as they are to be
inserted safe from contact.
Approvals
The following approvals apply to SAK ter-
minals:
a
UL-USA
r
CSA-Canada
#
GOST-Russia
q
SEV-Switzerland
i
KEMA-Netherlands
LR
Lloyds Register of Shipping
u
Germanischer Lloyd
DNV
Det Norske Veritas
SAK portfolio
• Feed-through terminals
•Protective conductor terminals
• Fuse terminals
•Disconnect-test terminals
• Feed-through terminals with tab, solder,
WireWrap and Termi Point connections
• Initiator terminals, Actuator terminals
• Stud terminals
Accessories
An extensive assortment of accessories is
available for Weidmüller SAK terminals:
• Partitions
• Cover plates
• Small partitions
•Test plugs
•Test adapters
• Marking material
•Cross-connections and
• Covers
TS 32
Thermosetting
plastic
Thermoplastic
TS 35
Positioning of end plates or partitions between cross-connections
Operating voltage
Terminal width (in mm)
3
6
3
810
121822
125 V ~
AP
–––––
250 V ~
AP
–––––
380 V ~
AP
AP
––––
440 V ~
TW
AP
AP
AP
AP
–
500 V ~
TW
TW
AP
AP
AP
–
660 V ~
TW
TW
TW
TW
TW
AP
750 V ~
TW
TW
TW
TW
TW
AP
In PA terminals small partitions (TSch) have to be used up to 380 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com