Electronic Components Datasheet Search
  English  ▼

X  

DMN3024SFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3024SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024SFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3024SFG Datasheet HTML 1Page - Diodes Incorporated DMN3024SFG Datasheet HTML 2Page - Diodes Incorporated DMN3024SFG Datasheet HTML 3Page - Diodes Incorporated DMN3024SFG Datasheet HTML 4Page - Diodes Incorporated DMN3024SFG Datasheet HTML 5Page - Diodes Incorporated DMN3024SFG Datasheet HTML 6Page - Diodes Incorporated DMN3024SFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMN3024SFG
Document number: DS35439 Rev. 3 - 2
3 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMN3024SFG
Electrical Characteristics TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250 μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
1.3
2.4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
15
23
m
Ω
VGS = 10V, ID = 10A
-
24
33
VGS = 4.5V, ID = 7.5A
Forward Transfer Admittance
|Yfs|
-
11
-
S
VDS = 5V, ID = 10.0A
Diode Forward Voltage
VSD
-
0.69
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
-
479
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
97
-
pF
Reverse Transfer Capacitance
Crss
-
61
-
pF
Gate Resistance
Rg
0.4
1.1
1.6
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
5.0
-
nC
VDS = 15V, ID = 10A
Total Gate Charge VGS = 10V
Qg
-
10.5
-
nC
Gate-Source Charge
Qgs
-
1.8
-
nC
Gate-Drain Charge
Qgd
-
1.6
-
nC
Turn-On Delay Time
tD(on)
-
2.9
-
ns
VGS = 10V, VDS = 15V,
RG = 3Ω, RL= 1.5Ω,
Turn-On Rise Time
tr
-
7.9
-
ns
Turn-Off Delay Time
tD(off)
-
14.6
-
ns
Turn-Off Fall Time
tf
-
3.1
-
ns
Notes:
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
10
15
20
25
30
5
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 4.0V
GS
V
= 10V
GS
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
V
= 85°C
GS
V
= 125°C
GS
V
= 25°C
GS
V
= -55°C
GS
V
= 150°C
GS
V
= 5V
DS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com