Electronic Components Datasheet Search
  English  ▼

X  

THCV220 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV220
Description  THCV220 is designed to support video data transmission between the host and display.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV220 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV220 Datasheet HTML 1Page - THine Electronics, Inc. THCV220 Datasheet HTML 2Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THCV220_Rev.1.00_E_Brief
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
1/2
THCV220
V-by-One® HS High-speed video data receiver
General Description
THCV220 is designed to support video data
transmission between the host and display.
One high-speed lane can carry up to 32bit data and
3 bits of synchronizing signals at a pixel clock
frequency from 7.5MHz to 93MHz.
It has one high-speed data lane and, maximum
serial data rate is 3.75Gbps/lane.
Width
Link
TTL Clock Freq.
24bit
Si/So
10MHz to 125MHz
32bit
Si/So
7.5MHz to 93MHz
Si/So : Single-in/Single-out,
Features
•
Color depth selectable: 24(8*3)/32(10*3)bit
•
Single Link
•
AC coupling for high speed lines
•
Wide Range Supply Voltage 2.3-2.7V, 3-3.6V
•
Package: 64 pin QFN
•
Wide frequency range
•
CDR requires no external freq. reference
•
Spread Spectrum Clocking tolerant
Up to 30kHz/
±0.5% (center spread)
•
V-by-One® HS standard Ver.1.4 compliant
•
2.5V to 3.3V logic compatible output interface.
Block Diagram
HTPDN
LOCKN
CDR
LDO
R[9:0]
G[9:0]
B[9:0]
CONT[1:0]
HSYNC
VSYNC
DE
ASYNDE
CLKOUT
COL
LFSEL
BET
PDN
RF
OE
TTLDRV
AVCC
CAPOUT
CAPINA
VCC
High-speed CML
Signal Intput.
Pixel Data Outputs.
Control Signal Inputs.
Power Supply.
Reference Input.
Decoupling
capacitor pin.
Hot plug and Lock
Detect Output.
Rx0p
Rx0n
LATEN
Controls


Similar Part No. - THCV220

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV220 THINE-THCV220 Datasheet
376Kb / 17P
V-by-One HS High-speed video data transmitter
THCV220 THINE-THCV220 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
THCV220 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
More results

Similar Description - THCV220

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV215 THINE-THCV215 Datasheet
176Kb / 3P
THCV215 is designed to support video data transmission between the host and display.
THCV216 THINE-THCV216 Datasheet
176Kb / 3P
THCV216 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
THCV217 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
THCV218 is designed to support video data transmission between the host and display.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
THCV219 is designed to support video data transmission between the host and display.
logo
Nel Frequency Controls,...
HS-169 NEL-HS-169_10 Datasheet
58Kb / 2P
crystal oscillator is designed to support the TachyonTM clocking requirements at 26.5625MHz
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
Designed to Support Data Rate up to 120kbps
logo
THine Electronics, Inc.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
THCV220 is designed to support video data transmission between the host and display.
THCV226 THINE-THCV226_16 Datasheet
570Kb / 27P
THCV226 is designed to support video data transmission between the host and display.
THCV231 THINE-THCV231_16 Datasheet
1Mb / 56P
The THCV231 and THCV236 are designed to support video data transmission between the host and display.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com