Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV233
Description  THCV233 is V-by-One짰 HS High-speed video data ansmitter with bi-directional transceiver.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV233 Datasheet HTML 1Page - THine Electronics, Inc. THCV233 Datasheet HTML 2Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THCV233_Rev.1.00_E_Brief
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
1/2
THCV233
V-by-One® HS High-speed video data transmitter with bi-directional transceiver
General Description
THCV233 is V-by-One® HS High-speed video data
transmitter with bi-directional transceiver. It convey
not
only
video
data
(Main-Link),
but
also
bi-directional system control data (Sub-Link) that is
driven by 2-wire serial interface. HOST CPU-side
of Sub-Link is selectable on each device and the
other side of Sub-Link integrates I/O expander.
THCV233-234 system is able to watch and control
peripheral devices via 2-wire serial interface or
GPIOs. They also can report interrupt events caused
by change of GPIO inputs and internal statuses.
Width
Link
LVDS Clock Freq.
24bit
Si/So, Si/DDo
20MHz to 100MHz
Si/Do
40MHz to 100MHz
32bit
Si/So, Si/DDo
20MHz to 85MHz
Si/Do
40MHz to 85MHz
Si/So:Single-in/Single-out,
Si/Do:Single-in/Dual-out
Si/DDo:Single-in/Distributed Dual-out
Di/So:Dual-in/Single-out, Di/SSo:Dual-in/Selected Single-out
Features
•
LVDS Input internal termination
•
CORE 1.8v, LVDS 3.3v
•
Package: 48 pin QFN
•
Main-Link
Data width selectable: 24/32 bit
Single/Dual Link selectable
AC coupling
Wide frequency range
CDR requires no external freq. reference
Supports Spread Spectrum Clocking:
Up to 30kHz/
±0.5%(center spread)
•
Sub-Link
Driven by 2-wire serial I/F
(Max. 400kbps)
GPIO expander : 4pins
Block Diagram


Similar Part No. - THCV233

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV233 THINE-THCV233 Datasheet
586Kb / 34P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV233 THINE-THCV233 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
THCV233 THINE-THCV233_16 Datasheet
586Kb / 34P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
More results

Similar Description - THCV233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
Dual High Speed Bi-Directional Differential Transceiver
logo
THine Electronics, Inc.
THCV234 THINE-THCV234 Datasheet
225Kb / 2P
THCV234 is V-by-One짰 HS High-speed video data receiver with bi-directional transceiver.
THCV215 THINE-THCV215_16 Datasheet
492Kb / 26P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_16 Datasheet
385Kb / 18P
V-by-One HS High-speed Video Data Transmitter
THCV233 THINE-THCV233_16 Datasheet
586Kb / 34P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_17 Datasheet
376Kb / 17P
V-by-One HS High-speed video data transmitter
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
V-by-One HS High-speed Video Data Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com